PART |
Description |
Maker |
NCV8506D2T33G |
Micropower 400 mA LDO Linear Regulators with DELAY and RESET 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO7
|
ON Semiconductor
|
NCV8504PWADJG NCV8504PWADJR2G NCV8504_07 NCV8504 N |
Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
|
ONSEMI[ON Semiconductor]
|
LTC1844-1.8 1844IA LTC1844ES5-1.8 LTC1844ES5-2.5 L |
150mA, Micropower, Low Noise, VLDO Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 Hex Inverter 14-SOIC -40 to 85 150mA/ Micropower/ Low Noise/ VLDO Linear Regulator 150mA Micropower, Low Noise, Ultralow Dropout LDO From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LTC3025 LTC3025-1 LTC3025-11 LTC3025-2 LTC3025-3 L |
500mA Micropower VLDO Linear Regulators Fast Transient Recovery 300mA Micropower VLDO Linear Regulator; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.4 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 300mA Micropower VLDO Linear Regulator; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 1.5 V FIXED POSITIVE LDO REGULATOR, 0.185 V DROPOUT, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
NCV4279A50D1G NCV4279A50D1R2G NCV4279A50D2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ON Semiconductor
|
NCV4279 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY / Adjustable RESET / and Monitor FLAG
|
ON
|
NCV4269C NCV4269CD150R2G NCV4269CD250R2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output 5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
|
ON Semiconductor
|
MIC5307-2.8YD5 MIC5307-3.0YD5 MIC5307-1.5YD5 MIC53 |
300mA Micropower 渭Cap Baseband LDO 300mA Micropower μCap Baseband LDO 300mA Micropower uCap Baseband LDO 2.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 300mA Micropower uCap Baseband LDO 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
Micrel Semiconductor, Inc.
|
IRU1117-25CD IRUB1117-25 IRUB1117-25CD IRUB1117-25 |
800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR 800mA的低压差型正,固2.5V的稳压器 0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier, Corp.
|
NCV8502_07 NCV8502 NCV8502D100 NCV8502D100G NCV850 |
Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
|
ONSEMI[ON Semiconductor]
|