PART |
Description |
Maker |
LRI1K |
1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
|
STMicroelectronics
|
MAX66000 MAX66000E MAX66000K |
ISO/IEC 14443 Type B-Compliant 64-Bit UID Supports AFI and CID Function
|
Maxim Integrated Products
|
MAX66120 MAX66120K-000AA |
ISO 15693-Compliant 1Kb Memory Fob
|
MAXIM - Dallas Semiconductor
|
MB89R119 |
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
|
Fujitsu Component Limited.
|
MB89R119 |
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
|
FUJITSU[Fujitsu Media Devices Limited]
|
M24LR64-RDW6T-2 |
Dynamic NFC/RFID tag IC with 64-Kbit EEPROM with I2C bus and ISO 15693 RF interface
|
STMicroelectronics
|
MAX66020 MAX66020K |
ISO/IEC 14443 Type B-Compliant 1Kb Memory Fob Read and Write (64-Bit Block)
|
Maxim Integrated Products
|
AT88RF020 AT88RF020-WBC-10 AT88RF020-WBC-82 AT88RF |
Low-cost 2-Kbit RF Memory with Password, ISO/IEC 14443 Type B compliant 13.56 MHz/ 2048-bit RFID EEPROM
|
Atmel
|
AT88SC3216CRF |
Contactless 32-Kbit user memory with authentication and encryption, ISO/IEC 14443 Type B compliant. AT88SC3216CRFSummary[Updated5/03.9Pages]Contactless32-Kbitusermemorywitha..
|
Atmel
|
AT83C24 |
Smart Card Interface Compliant with ISO 7816, EMV2000, GIE-CB, GSM and WHQL Standards. Step-up/down Converter with Programmable Voltage Output: 5V and 3V (65 mA), 1.8V (40 mA) with High Efficiency From 80% to 98%
|
Atmel
|
24LC32A 24LC32A-MT 24LC32AMODULE |
32K I2C Serial EEPROM in ISO Micromodule 32K I 2 CSerial EEPROM in ISO Micromodule 32K的的I 2 C⑩在ISO微型模块串行EEPROM 32KI2CSerialEEPROMinISOMicromodule 32K I 2 C?Serial EEPROM in ISO Micromodule
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology
|