PART |
Description |
Maker |
TL431ILPRM TL431BILPRA |
Adjustable 2.5-36V /-2.2% Tolerance, 1-100mA Shunt Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Fan-Fold; Qty per Container: 2000 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.495 V, PBCY3 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PBCY3
|
ON Semiconductor MOTOROLA INC
|
LT3023IMSE LT3023EDDTR LT3023IDDPBF |
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C DUAL OUTPUT, ADJUSTABLE POSITIVE LDO REGULATOR, PDSO10 Dual 100mA, Low Dropout, Low Noise, Micropower Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C DUAL OUTPUT, ADJUSTABLE POSITIVE LDO REGULATOR, PDSO10 Dual 100mA, Low Dropout, Low Noise, Micropower Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LM317L LM317LS8-XX-TR70 LM317LZ-XX-TR70 LM317LS8-X |
100mA Adjustable Positive Voltage Regulator
|
TAITRON Components Incorporated
|
TC1187VCT TC1070 TC1070VCT TC1071 TC1071VCT TC1187 |
The TC1070, TC1071, and TC1187 are adjustable LDOs designed to supersede a variety of older (bipolar) voltage regulators. Total supply current is typically 50A at full load, 20 to 60 times lower than in bipolar regulators! The devicesR 50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown (TC1071) Adjustable CMOS LDOs with Shutdown
|
MICROCHIP[Microchip Technology]
|
GLLM317L |
1 0 0mA A D J U S TA B L E VO LTAG E R EG U L AT O R 100mA ADJUSTABLE VOLTAGE REGULATOR
|
E-Tech Electronics LTD GTM CORPORATION
|
TC1187VCT713 TC1070 TC1070_07 TC1070VCT713 TC1071 |
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
|
MICROCHIP[Microchip Technology]
|
EZ5Z3-S3.3 EZ5Z3-S3.3TR EZ5Z3-SADJ EZ5Z3-SADJTR EZ |
1A Voltage Regulator(输出电流1A ,5V输入.3V输出或可调输出稳压器) 1A稳压器(输出电流1A中,5V的输入到3.3V的输出或可调输出稳压器) 1A 5V to 3.3V or Adjustable Output EZ DROPPER A 5V.3V或可调输出易滴管 Analog IC 模拟IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3.3 V, PSFM3 TO-220, 3 PIN 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3.3 V, PDSO4 SOT-223, 4 PIN 1A 5V to 3.3V or Adjustable Output EZ DROPPER A 5V3.3V或可调输出易滴管
|
NXP Semiconductors N.V. Semtech, Corp. SEMTECH[Semtech Corporation]
|
AP432AL-7 AP432L-13 AP432L-7 AP432L-A AP432L-B AP4 |
ADJUSTABLE PRECISION SHUNT REGULATOR ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO8 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, BCY3 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO3 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO5 ADJUSTABLE PRECISION SHUNT REGULATOR 可调节精密并联稳压器
|
Diodes, Inc. 稳压 Diodes Inc. DIODES[Diodes Incorporated] http://
|
CLM2815AU-X CLM2815 CLM2815A CLM2815AAT CLM2815AAT |
3.3 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 2.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response
|
CALOGIC[Calogic, LLC] Calogic LLC
|
LP2951-02BM LP2951-02BN LP2951-03BM LP2951-03BN LP |
100mA Low-Dropout Voltage Regulator 100mA Low-Dropout Voltage Regulator FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDIP8
|
http:// MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
BYT52A BYT52M BYT52 BYT52B BYT52D BYT52G BYT52J BY |
INNOLINE: RP75-xxxxSB - Single Outputs up to 25A; Input/Output 1.6kVDC Isolation; Adjustable Output Voltage; No Minimum Load; Under -Voltage Lockout - Adjustable Output Voltage, Independently Regulated Outputs- No Minimum Load- Industry Standard Footprint- Halt Tested- Compact 61.0 x INNOLINE: RP75-S_DI - Single Output up to 20A Dual Outputs Total Current up to 15A up to 100% Load Imblance- Input/Output 1.6kVDC Isolation Fast Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Telefunken Vishay Siliconix
|