PART |
Description |
Maker |
82C37 HS-82C37RH |
CMOS High Performance Programmable DMA Controller Direct Memory Access Controller, CMOS, 2.5MBPS, 50A, Rad-Hard DMA Controller, Programmable, CMOS, 5, 8, and 12.5MHz
|
Intersil
|
BZV55-A56 BZV55-B10 BZV55-B11 BZV55-B12 BZV55-B13 |
2.5V voltage references 二极管稳V2 Low voltage adjustable shunt reference 二极管稳压三人制 1.24 V adjustable shunt voltage reference 二极管稳V3 DIODE ZENER SOD-80C 二极管稳压的SOD - 80C DIODE ZENER 56V 二极管稳6V Programmable voltage reference 二极管稳20V Programmable voltage reference 二极管稳16V 1.225V micropower shunt voltage reference High thermal stability micropower shunt voltage reference 5V or 3V NVRAM supervisor for up to two LPSRAMs 5-pin supervisor with watchdog timer and push-button reset Adjustable 0.6V open collector shunt voltage reference 1.24V programmable shunt voltage reference Voltage Regulator Diodes(稳压二极 Voltage regulator diodes
|
Bourns, Inc. Vishay Intertechnology, Inc. NXP Semiconductors N.V. Fox Electronics Advanced Analogic Technologies, Inc. Avago Technologies, Ltd. Philips Semiconductors
|
LO3308-470-RM LO3308-331-RM LO3308-330-RM LO330808 |
10.0mV Dual Micropower Rail-to-Rail CMOS Operational Amplifier, 8L PDIP 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR, SMD 5.0mV Dual Micropower Rail-to-Rail CMOS Operational Amplifier, 8L CDIP 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR, SMD Dual Precision High Speed Micropower CMOS Timer, 14L SOIC
|
http:// ICE Components, Inc. ice Components, Ins. ICE COMPONENTS INC
|
KK1776 |
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
|
KODENSHI KOREA CORP.
|
TS393IPT TS393MP TS393ID TS393CN TS393CD TS393MPT |
MICROPOWER DUAL CMOS VOLTAGE COMPARATOR MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FAR-F5CM-947M50-B260 FAR-F5CM-947M50-B260-U FAR-F5 |
Evaluation Board for LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5 SAW Filter (700 to 1000 MHz)
|
FUJITSU LTD Fujitsu Limited Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited] Fujitsu Component Limited.
|
IL1776 |
From old datasheet system MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
JV0805ML030A JV0805ML120A JV0805ML120L |
5.0mV Quad Micropower Rail-to-Rail CMOS Operational Amplifier, 14L CDIP 压敏电阻(多层陶瓷瞬态电压抑制器标准容量 5.0mV Quad Micropower Rail-to-Rail CMOS Operational Amplifier, 14L PDIP 10.0mV Quad Micropower Rail-to-Rail CMOS Operational Amplifier, 14L SOIC
|
DB Lectro, Inc. DB Lectro Inc.
|
AH1894 AH1894-Z-7 AH1894-FA-7 |
PROGRAMMABLE HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
|
Diodes
|
MC33465 ON1157 |
MICROPOWER UNDERVOLTAGE SENSING CIRCUITS WITH PROGRAMMABLE OUTPUT DELAY From old datasheet system
|
ON Semi
|
ICL7663S05 ICL7663SCBAZA ICL7663SACBAZA ICL7663SCP |
CMOS Programmable Micropower Positive Voltage Regulator; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDSO8 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|