PART |
Description |
Maker |
P0420T P0353NL P0353NLT P0502T P0420NL P0429NL P04 |
2 FUNCTIONS, 14 A, DATA LINE FILTER ROHS COMPLIANT PACKAGE-4 2 FUNCTIONS, 1.63 A, DATA LINE FILTER
|
Pulse Engineering, Inc. Pulse Electronics, Corp. PULSE ELECTRONICS CORP
|
LC1206L473M LC0805H104M LC0805H223M7 LC0805H223MB |
Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors 1 FUNCTIONS, 25 V, 0.1 A, DATA LINE FILTER 1 FUNCTIONS, 25 V, 1 A, DATA LINE FILTER
|
BITECH[Bi technologies] BI TECHNOLOGIES CORP
|
NFA31GD1011014D NFA31GD1001014D NFA31GD1004704D NF |
EMI FILTER, 6V 0.015A NFA31GD1011014 4 FUNCTIONS, 6 V, 0.015 A, DATA LINE FILTER 4 FUNCTIONS, 6 V, 0.02 A, DATA LINE FILTER FLT, S/M, EMI SUP, 100PF
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
SXD2AGS182 SYD2AGS222 SD2AGS564 SZD2AGS822 SD2AGB5 |
1 FUNCTIONS, 100 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 25 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 25 A, DATA LINE FILTER
|
AVX, Corp. Vishay Intertechnology, Inc. AVX CORP
|
SBSMP1000334MXB SBSMP1000224MXB SBSMP1000334MXT SB |
1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 20 A, FEED THROUGH CAPACITOR
|
SYFER TECHNOLOGY LTD
|
XD06CJ0121KT5 XD07CF0471F XD07CJ0621KT3 XD07CJ0621 |
1 FUNCTIONS, 500 V, DATA LINE FILTER 1 FUNCTIONS, 200 V, DATA LINE FILTER
|
AVX CORP
|
5103-00-01 5103-05-01 51R5-15-01 ZJK51R1-00-01 ZJK |
3-terminal Filters(SIP) For Signal Line / Power Line 1 FUNCTIONS, 50 V, 0.5 A, DATA LINE FILTER
|
TDK Electronics
|
NUF2900MNT1G NUF2900MN |
Two Line EMI Filter with ESD Protection for High Speed Data Interface 2 FUNCTIONS, DATA LINE FILTER
|
ON Semiconductor
|
DR331-474BE DR331-475BE DR331-113BE DR331-513BE |
Surface Mount Data Line Chokes 2 FUNCTIONS, 80 V, 0.5 A, DATA LINE FILTER Surface Mount Data Line Chokes 2 FUNCTIONS, 80 V, 0.2 A, DATA LINE FILTER
|
Bourns, Inc.
|
DLW21HN900SQ2L |
CHOKE,90 OHM 330MA,0805,2 LINE 2 FUNCTIONS, 50 V, 0.33 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
|