PART |
Description |
Maker |
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
BC369 C62702-C748 |
From old datasheet system PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
HE8550-X-T92-B HE8550-X-T92-K HE8550_05 HE8550-C-A |
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR 1500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR 低电压高电流小信号PNP晶体
|
??『绉???′唤?????? UTC[Unisonic Technologies] 友顺科技股份有限公司 Unisonic Technologies Co., Ltd.
|
BTP955L3 |
PNP Epitaxial Planar High Current (High Performance) Transistor
|
Cystech Electonics Corp.
|
BTB4511J3 |
PNP Epitaxial Planar High Current (High Performance) Transistor
|
Cystech Electonics Corp...
|
NTE28 |
Germanium PNP Transistor High Current, High Gain Amplifier
|
NTE[NTE Electronics]
|
BTP955J3 |
PNP Epitaxial Planar High Current (High Performance) Transistor
|
Cystech Electonics Corp.
|
2SA1734 |
High Current PNP Transistor
|
ON Semiconductor
|
BC808-16W BC808-25W BC808-40W BC807-16W Q62702-C23 |
SH-Tiny Series, 7125 Group, Two ADC circuits, 6-ch 16-bit MTU2, Port Output Enable, 2-ch CMT, UBC, 15 mA IO -; Vcc= 4.5 to 5.5 volts, Temp= -20 to 85 C; Package: PVQN0052LE-A PNP Silicon AF Transistor (For general AF applications High collector current High current gain) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
CP705 |
Chip Form: SILICON TRANSISTOR Small Signal Transistor PNP - High Current Transistor Chip
|
Central Semiconductor Corp
|