Part Number Hot Search : 
2N580 KMDR010 SDA6281 SMS8198S SMCJ22 1772845 CN100 DN004
Product Description
Full Text Search
  to-261aa Datasheet PDF File

For to-261aa Found Datasheets File :: 137    Search Time::1.093ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 |   

    IMP37 IMP37-25JCM IMP37-25JST IMP37-30JCM IMP37-30JST IMP37-33JCM IMP37-33JST

IMP[IMP, Inc]
IMP Inc
IMP INC.
Part No. IMP37 IMP37-25JCM IMP37-25JST IMP37-30JCM IMP37-30JST IMP37-33JCM IMP37-33JST
OCR Text ...dropout voltages at currents up to 0.8A. The IMP37 regulator family dropout voltage is guaranteed to be 0.95V or lower at 0.8A. At 100mA, th...261AA ** JEDEC Drawing TO-263AA Add /T to Part Number for Tape and Reel. 37_Table04.eps D L ...
Description Low Dropout Positiv Voltage Regulators 低压差电压调节Positiv

File Size 268.37K  /  6 Page

View it Online

Download Datasheet





    BCP56T1 BCP56T1SERIES

Motorola Mobility Holdings, Inc.
MOTOROLA[Motorola, Inc]
Part No. BCP56T1 BCP56T1SERIES
OCR Text ...ating the possibility of damage to the die * Available in 12 mm Tape and Reel Use BCP56T1 to order the 7 inch/1000 unit reel Use BCP56T3 to ...261AA MAXIMUM RATINGS (TC = 25C unless otherwise noted) Rating Collector-Emitter Voltage Collect...
Description MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT 中功率NPN硅高当前的晶体管表面贴装

File Size 200.38K  /  6 Page

View it Online

Download Datasheet

    BCP68T1

Motorola Inc
MOTOROLA[Motorola, Inc]
Part No. BCP68T1
OCR Text ...ating the possibility of damage to the die * Available in 12 mm Tape and Reel Use BCP68T1 to order the 7 inch/1000 unit reel. Use BCP68T3 to...261AA MAXIMUM RATINGS (TC = 25C unless otherwise noted) Rating Collector-Emitter Voltage Collect...
Description MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT

File Size 149.51K  /  6 Page

View it Online

Download Datasheet

    IRLL110 IRLL110TR

IRF[International Rectifier]
Part No. IRLL110 IRLL110TR
OCR Text ...mproved thermal performance due to an enlarged tab for heatsinking. Power dissipation of grreater than 1.25W is possible in a typical surfac...261AA) Outline Part Marking Information SOT-223 E X A M P L E : T H IS IS A N IR FL 0 14 W A FE...
Description 1.5 A, 100 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET, to-261aa
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.5A)

File Size 213.54K  /  8 Page

View it Online

Download Datasheet

    IPS021L IPS021LTR

IRF[International Rectifier]
Part No. IPS021L IPS021LTR
OCR Text ...ature, ESD protection and drain to source active clamp.This device combines a HEXFET(R) POWER MOSFET and a gate driver. It offers full prote...261AA) 10 www.irf.com IPS021L Tape & Reel - SOT223 01-0028 05 / 01-0008 02 IR WORL...
Description Intelligent Power Switch 1 Channel Low Side Driver in a SOT-223 Package
FULLY PROTECTED POWER MOSFET SWITCH

File Size 108.72K  /  11 Page

View it Online

Download Datasheet

    IPS041L IPS041LTR

IRF[International Rectifier]
Part No. IPS041L IPS041LTR
OCR Text ...ature, ESD protection and drain to source active clamp.This device combines a HEXFET(R) POWER MOSFET and a gate driver. It offers full prote...261AA) 10 www.irf.com IPS041L Tape & Reel - SOT223 01-0028 05 / 01-0008 02 IR WORL...
Description Intelligent Power Switch 1 Channel Low Side Driver in a SOT-223 Package
FULLY PROTECTED POWER MOSFET SWITCH

File Size 107.94K  /  11 Page

View it Online

Download Datasheet

    IRFL110

IRF[International Rectifier]
Part No. IRFL110
OCR Text ...mproved thermal performance due to an enlarged tab for heatsinking. Power dissipation of grreater than 1.25W is possible in a typical surfac...261AA) Outline Part Marking Information SOT-223 E X A M P L E : T H IS IS A N IR FL 0 14 W A FE...
Description Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.5A)

File Size 241.54K  /  8 Page

View it Online

Download Datasheet

    IRLL014N IRLL014NTR

IRF[International Rectifier]
Part No. IRLL014N IRLL014NTR
OCR Text ... advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching spee...261AA) Outline Part Marking Information SOT-223 E X A M P L E : T H IS IS A N IR FL 0 14 W A FE...
Description Advanced Process Technology
HEXFET Power MOSFET

File Size 154.63K  /  9 Page

View it Online

Download Datasheet

    IRSF3011

IRF[International Rectifier]
Part No. IRSF3011
OCR Text ...Current Protection Active Drain-to-Source Clamp ESD Protection Compatible with Standard Power MOSFET Low Operating Input Current Monolithic ...261AA LEAD ASSIGNMENTS 1. Gate 2. Drain 3. Source 4. Drain DIM A B B1 C D E e e1 H L L1 MILLI...
Description FULLY PROTECTED POWER MOSFET SWITCH(Vds=50V, Rds(on)=200mohm)

File Size 470.00K  /  12 Page

View it Online

Download Datasheet

    PZT651T1 ON2780 PZT65

ONSEMI[ON Semiconductor]
Part No. PZT651T1 ON2780 PZT65
OCR Text ...ating the possibility of damage to the die. * Available in 12 mm Tape and Reel Use PZT651T1 to order the 7 inch/1000 unit reel Use PZT651T3 ...261AA MAXIMUM RATINGS (TC = 25C unless otherwise noted) Rating Collector-Emitter Voltage Collect...
Description From old datasheet system
HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT

File Size 101.17K  /  6 Page

View it Online

Download Datasheet

For to-261aa Found Datasheets File :: 137    Search Time::1.093ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of to-261aa

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.1712799072266