PART |
Description |
Maker |
DDTC114EKA DDTC114EKA-7 DDTC124EKA DDTC124EKA-7 DD |
NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR npn型预偏置小信号资 59表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 30 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
MMBZ5230BL MMBZ5230BLT1 MMBZ5254BL MMBZ5263BL MMBZ |
Small Signal 4.7V 5% Small Signal 27V 5% 56V Zener Small Signal 33V 5% Small Signal 12V 5% Small Signal 13V 5% Small Signal 15V 5% Small Signal 20V 5%
|
ON Semiconductor
|
DDTC114YE-7-F DDTC123YE-7-F DDTC143ZE-7-F DDTC113Z |
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 30 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc.
|
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDA114EH DDA114EH-7 DDA114TH DDA114TH-7 DDA114YH D |
Prebiased Transistors PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR 进步党预偏置信号小的SOT - 563双表面贴装晶体管
|
DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
CMLT2222A |
SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc SURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
DDC123JH DDC123JH-7 DDC114EH DDC114TH DDC114TH-7 D |
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR 70 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
DDA122LU-7-F DDA122TU-7-F DDA142TU-7-F DDA142JU-7- |
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
BC857BT-7 BC857AT BC857AT-7 BC857CT BC857CT-7 BC85 |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR Wideband Video Quad SPST
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTC144ELP DDTC144ELP-7 |
PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
1N4148WS |
Surface mount Small Signal Diodes
|
DIOTEC[Diotec Semiconductor]
|
|