PART |
Description |
Maker |
LTC2927CDDB LTC2927CDDB-PBF LTC2927CDDB-TR LTC2927 |
Single Power Supply Tracking Controller; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp.
|
PX500U3ABFHPHM PX500U4CBFHPHM PX500U4EBFHPHM PX500 |
AC/DC 500W Multiple Output Power Supply
|
C&D Technologies
|
PSA46-301 PSA46-304 |
Multiple Output Adapter Switching Power Supply
|
Phihong USA Inc.
|
5962-8965702LX |
Multiple-Output Power-Supply Controllers for LCD Monitors 12位数字到模拟转换
|
Analog Devices, Inc.
|
DER-40 |
21W (45W peak) Multiple Output Power Supply using TOP246Y
|
POWERINT[Power Integrations, Inc.]
|
MAX8728 |
Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
|
MAXIM
|
33394 |
Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
|
FREESCALE[Freescale Semiconductor, Inc]
|
DCT-250 DCX-350 DCX-353-0512 DCX-354-1205 DCT-253- |
250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT Power Supply - DC/DC
|
SL Power Electronics Condor
|
MC33394 |
Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
|
Motorola, Inc
|
LV5695P-14 |
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
|
ON Semiconductor
|
M39P0R1080E4ZASE M39P0R1080E4ZASF M39P0R9080E4 M39 |
512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package 512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package
|
Numonyx B.V
|