PART |
Description |
Maker |
PJRAS1X1S01X PJRAS1X1S01AUX PJRAS1X1S03AUALLX |
Phono Jack; Number of Contacts:1; Terminal Type:PCB Thru Hole GENERAL PURPOSE AUDIO CONNECTOR, JACK
|
Switchcraft, Inc. SWITCHCRAFT INC
|
PJRAS2X1S02 PJRAN1X1U04 |
Phono Jack; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Number of Contacts:2; Terminal Type:PCB Thru Hole GENERAL PURPOSE AUDIO CONNECTOR, JACK
|
SWITCHCRAFT INC
|
L11 13E 12B |
GENERAL PURPOSE AUDIO CONNECTOR, JACK Jack Socket; Plug Diameter:0.25; Contact Termination:Solder; Leaded Process Compatible:Yes; Number of Contacts:3; Peak Reflow Compatible (260 C):Yes
|
Switchcraft, Inc. SWITCHCRAFT INC
|
722A |
Jack Socket; Plug Diameter:0.080; Contact Termination:Solder; Leaded Process Compatible:Yes; Number of Contacts:2; Peak Reflow Compatible (260 C):Yes 12V, 5A, 1.93mm DIAMETER, DC POWER PLUG OR JACK
|
Switchcraft, Inc.
|
712RA |
Jack Socket; Plug Diameter:0.100; Contact Termination:Through Hole; Leaded Process Compatible:Yes; Mounting Type:Through Hole; No. of Contacts:8; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 12V, 5A, 2.5mm DIAMETER, DC POWER PLUG OR JACK
|
Switchcraft, Inc.
|
SS-73100-011 |
HIGH PERFORMANCE SHIELDED STACK JACK 8 CONTACTS / 8 POSITIONS, 8 PORTS (4 ON 4)
|
BEL[Bel Fuse Inc.]
|
MRJR33XXX1 |
MRJR SERIES MODULAR JACK, 6 POSITION, 4 OR 6 CONTACTS, RIGHT ANGLE PCB TAIL, LED, THREAD & TAIL LENGTH OPTIONS, RoHS COMPLIANT
|
Amphenol Corporation
|
16075 000-16075 31-216-RFX 901-167 901-166 31-28-R |
Adapters, Between Series Straight, Jack to Plug or Jack to Jack
|
Amphenol Corporation
|
45985-6251 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 6Power Contacts, 28 Signal Contacts
|
Molex Electronics Ltd.
|
SD-45985-100 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 10 Power Contacts, 28 Signal Contacts
|
Molex Electronics Ltd.
|
SD-45985-100 0459851382 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 10 Power Contacts, 40 Signal Contacts
|
Molex Electronics Ltd.
|
|