PART |
Description |
Maker |
42400-1003 42400-2004 42400-1004 42400-2001 |
4 Ckt. Hsg. w/ sq. pol. peg in V-0 PA66 4 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE Defrost Timer Hsg Black V-0 4Ckt Rd. Pe 4 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE Defrost Timer Hsg Black V-0 4Ckt Sq Peg 4 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE 4 Ckt Hsg Round Peg White 4 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
NT90RHAOAC24VSF0.6 NT90RHAOAC110VSB0.6 NT90RHAOAC1 |
FASTON Uninsulated Receptacles & Housings; HSG RCPT FAST 250 3 CIR N BLK ( AMP ) Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life. 体积小,重量轻。线圈功耗低,重接触载荷。强抗休克,抗振动,可靠性高,寿命长
|
DB Lectro Inc. DB Lectro, Inc.
|
94518-0400 |
High Normal Force (HNF) Female Terminal
|
Molex Electronics Ltd.
|
0945180400 |
High Normal Force (HNF) Female Terminal
|
Molex Electronics Ltd.
|
22-43-8140 22-43-8060 08-70-0102 MOLEXINC-22-43-81 |
Spox 2.5mm Hdr Assy 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Spox 2.5mm Hdr Assy 6 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Mini Spox Crimp Term 0.33 mm2, BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
0945180201 SD-94518-005 |
High Normal Force (HNF) Female Terminal, For 6.3 x 0.8mm (."248x.031") Tabs, Tin Plated High Normal Force (HNF) Female Terminal, For 6.3 x 0.8mm (.248x.031) Tabs, Tin Plated
|
Molex Electronics Ltd.
|
945180100 0945180100 SD-94518-005 |
High Normal Force (HNF) Female Terminals, For 6.3x0.8mm (.248x.031) Tabs, Unplated Brass
|
Molex Electronics Ltd.
|
EL2160C-1 |
SWITCH, ON-OFF, BLK/BLK BTN; Switch function type:SPST Latching; Voltage, contact AC max:125V; Voltage, contact DC max:24V; Temp, op. max:85(degree C); Temp, op. min:-40(degree C); Diameter, panel cut-out:13.6mm; Length / Height, RoHS Compliant: Yes
|
Elantec Semiconductor
|
SC-8986 |
SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 4 A, Pin Plunger Actuator, Solder Termination HNF-1 (H-205)
|
ETC SCBT[Santa Cruz Biotechnology, Inc.]
|
0461141036 0461141021 0461141033 0461141032 046114 |
LPH CERTICAL RECEPTACLE POWER ASSEMBLY 2 CKT-14 CKT , PRESS-FIT
|
Molex Electronics Ltd.
|
28.121.0840.0 28.121.0540.0 |
Precision, High-Side Current-Sense Amplifiers TERM.BLOCK COV'D 5 WAY TERM.BLOCK COV\u0026#39;D 5未来
|
Advanced Power Technology, Ltd.
|
1512T 4012T 4312T |
TERM.BLOCK NYLON 12WAY 6A TERM.BLOCK NYLON 12WAY 16A TERM.BLOCK尼龙12WAY 16A TERM.BLOCK NYLON 12WAY 10A TERM.BLOCK尼龙12WAY 10A
|
Glenair, Inc. Electronic Theatre Controls, Inc.
|