PART |
Description |
Maker |
22-05-3051 22-05-3221 22-05-3211 22-05-3171 22-12- |
Pin Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Gender:Header; Body Material:PA Polyamide (Nylon); Terminal Type:Right Angle PCB Thru Hole RoHS Compliant: Yes 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 22 CKT TIN 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 21 CKT TIN 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 17 CKT TIN 17 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CON, 12P, 0.1SP, RA, LOCKING 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,25 Contacts,PIN,0.1 Pitch,PC TAIL Terminal,POLARIZED LCK 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.1 Pitch,PC TAIL Terminal,POLARIZED LCK 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 28 CKT TIN 28 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 19 CKT TIN 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 10 CKT TIN 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 19 CKT GOLD 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FRLK RTAN 21 CKT GOLD KK 100 HDR FRLK RTAN 22 CKT GOLD Pin Header; Number of Contacts:4; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:7478; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Plating:Tin; Mounting Type:Through Hole
|
Molex, Inc. MOLEX INC
|
26-60-9153 26-60-9103 42872-0120 MOLEXINC-42872-01 |
KK 156 Hdr Assy RtAn Pegs 15 Ckt Tin 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Pegs 10 Ckt Tin 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
22-28-2109 42226-0422 22-28-2122 22-28-2355 22-28- |
KK 100 Hdr Pol BWR RtAn 10 Ckt 30 SGold 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol RtAn 02 Ckt Tin 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol RtAn 12 Ckt 15 SGold 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol RtAn 35 Ckt 15 SGold 35 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol BWR RtAn 35 Ckt 15 SGold 35 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol RtAn 15 Ckt 15 SGold 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol RtAn 14 Ckt Tin 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol RtAn 08 Ckt 15 SGold 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol RtAn 13 Ckt 30 SGold 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol RtAn 18 Ckt 15 SGold 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol RtAn 17 Ckt 30 SGold 17 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol RtAn 04 Ckt 15 SGold 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol RtAn 18 Ckt Tin 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol RtAn 15 Ckt 30 SGold 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Pol RtAn 17 Ckt Tin KK 100 Hdr Pol RtAn 31 Ckt 30 SGold KK 100 Hdr Pol RtAn 31 Ckt 15 SGold KK 100 Hdr Pol BWR RtAn 31 Ckt 15 SGold KK 100 Hdr Pol RtAn 22 Ckt Tin
|
Molex, Inc. MOLEX INC
|
26-16-5109 26-16-5099 26-16-5049 |
KK 156 PCB Assy RtAn 10 Ckt Tin 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR KK 156 PCB Assy RtAn 09 Ckt Tin 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR KK 156 PCB Assy RtAn 04 Ckt Tin 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR
|
Molex, Inc.
|
26-16-5104 |
KK 156 PCB Assy RtAn 10 Ckt Tin 10 CONTACT(S), RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
26-48-1026 26-48-1236 26-48-2056 26-48-1196 26-48- |
Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 23 Ckt Tin 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 26482056 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 19 Ckt Tin 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 21 Ckt Gol 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Pin Header; Number of Contacts:24; Pitch Spacing:3.96mm; Number of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Contact Plating:Tin Breakaway Header; No. of Contacts:10; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
09-78-1042 09-57-1076 09-57-1116 |
156 KK Hdr Chassis Mnt Brs SAu 4Ckt 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 KK Hdr Chassis Mnt Brs SAu 7Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 KK Hdr Chassis Mnt Brs SAu 11Ckt 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
26-48-1183 26-48-1093 26-48-1163 |
156 KK Bkwy Hdr Polz SqP Tin 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 KK Bkwy Hdr Polz SqP Tin 9Ckt 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 KK Bkwy Hdr Polz SqP Tin 16Ckt 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
26-60-9041 |
156 KK Hdr Str Sq Pin Tin 4Ckt 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
41772-0484 A-41772-0484 0417720484 |
3.96mm (.156") Pitch KK庐 Solid Header, Right Angle, without Peg, 6 Circuits 3.96mm (.156) Pitch KK? Solid Header, Right Angle, without Peg, 6 Circuits
|
Molex Electronics Ltd.
|
|