PART |
Description |
Maker |
0009481064 A-41815-0006 09-48-1064 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Polyester Connector, 5.0μm (200μ) Tin (Sn), 6 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
M20-6113245 M20-6112045 M20-6113205 M20-6112005 |
PC104 CONNECTOR (STACK THROUGH) PC/104 Non-stackthrough Connector, 2.54mm Pitch DIL, gold, 20 20-way 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc
|
0340620015 34062-0015 |
5.00mm (.197) Pitch MX150 Cable Sealed Female Connector, Single Row, 2Circuits, Polarization A, with Connector Position Assurance, Black MOLEX Connector
|
Molex Electronics Ltd.
|
EB71D-BA3630X EB73D-SC3640X EB71D-SE3660X K3640X E |
VISHAY EDGEBOARD CONNECTOR EB71D CONNECTOR, EDGE CONNECTOR,PCB MNT,RECEPT,72 CONTACTS,0.156 PITCH,PC TAIL TERMINAL,HOLE .125-.137 CONNECTOR, EDGE CONNECTOR,CABLE MNT,72 CONTACTS,2,SOLDER TERMINAL,HOLE .125-.137 EB7D Edgeboard Connectors, Dual Readout
|
Vishay Dale
|
15-06-0101 15-06-0180 15-06-0141 |
MiniFit BMI Rcpt/PanMnt V-0 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Connector Housing; No. of Contacts:18; Pitch Spacing:4.2mm; No. of Rows:2; Series:Mini-Fit BMI; Connector Body Material:Nylon; Contact Termination:Crimp 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,Cable Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,HOLE .164-.189
|
Molex, Inc. MOLEX INC
|
0009521136 09-52-1136 A-2145-AA13B-102 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Nylon Connector, 5.0μm (200μ) Tin (Sn), 13 Circuits 3.96mm (.156") Pitch KK庐 PC Board Connector, Right Angle, Nylon Connector, 5.0渭m (200渭") Tin (Sn), 13 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
15-38-8100 15-38-8180 15-38-8070 15-38-8020 15-38- |
Connector Housing; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Receptacle; Series:C-Grid SL; Connector Body Material:Polyester; Contact Termination:Crimp 10 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 18Ckt 18 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 2Ckt 2 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 4Ckt 4 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 12Ckt 12 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 16Ckt 16 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 23Ckt 23 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 30 SAu 25Ckt 25 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 9Ckt 9 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 14Ckt SL FFC/FPC Opt G Female 30 SAu 12Ckt
|
Molex, Inc. MOLEX INC
|
M83513/02-BN M83513/01-EN |
CONNECTOR ACCESSORY 15 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, SOLDER, RECEPTACLE CONNECTOR ACCESSORY 31 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, SOLDER, PLUG
|
Glenair, Inc.
|
15-06-0066 15-06-0106 |
MiniFit BMI Plug Hsg Pan Mt V-0 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, PLUG Connector Housing; Number of Contacts:10; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Contact Termination:Crimp 10 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
54809-2798 54809-2598 54809-3398 |
0.3 FPC ZIF E/O Hsg Assy 27Ckt EmbsTpPkg 27 CONTACT(S), RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT connector 25 CONTACT(S), RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT Header; No. of Contacts:13; Pitch Spacing:1.25mm; No. of Rows:1; Series:53398; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 33 CONTACT(S), RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
AD8010 AD8010AR-16 AD8010AR-16-REEL AD8010AR-REEL |
Smartcard Connector; No. of Contacts:6; Body Material:Thermosplastic; Contact Material:Tin Bronze; Contact Plating:Gold Over Nickel; Series:C707A; Operating Temperature Range /-:-40 C to 85 C; Voltage Rating:540V RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft; Features:500 Mating Cycles, PVC Jacket, IP67 Rating, E63093 Rated Connector; No. of Contacts:6 RoHS Compliant: Yes 200 MA OUTPUT CURRENT HIGH SPEED AMPLIFIER
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
|