PART |
Description |
Maker |
15-92-2080 15-92-2430 15-92-2050 |
CONN 80P VERT PLUG SCA 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG 30CKT EBBI VERT PLUG A716611330 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG 15922050 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Molex, Inc.
|
0528932095 |
0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
|
Molex Electronics Ltd.
|
0545480570 0545480870 0545482070 0545481070 54548- |
0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT -LEAD FREE-
|
Molex Electronics Ltd.
|
71475-1001 |
LFH Vert Plug I/O Assembly 80Ckt 80 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG
|
Molex, Inc.
|
03-06-2152 03-06-2241 |
CONN PLUG 15POS .062 15 CONTACT(S), MALE OR FEMALE, POWER CONNECTOR, PLUG CONN PLUG 24POS .062 PANEL MOUNT 24 CONTACT(S), MALE OR FEMALE, POWER CONNECTOR, PLUG
|
Molex, Inc. Ironwood Electronics
|
87012-1008 |
1.27mm (.050) Pitch SCA-2 Plug, Through Hole, Right Angle, 40 Circuits, Lead-free
|
Molex Electronics Ltd.
|
87641-1002 |
1.27mm (.050) Pitch SCA-2 Plug, Surface Mount, Right Angle, 40 Circuits, 0.76渭m (30渭) Gold (Au) Plating, with Plastic Locating Pegs, Lead-free 1.27mm (.050) Pitch SCA-2 Plug, Surface Mount, Right Angle, 40 Circuits, 0.76μm (30μ) Gold (Au) Plating, with Plastic Locating Pegs, Lead-free
|
Molex Electronics Ltd.
|
171825-8 |
Crimp Termination ( EI Series Connectors ); POST HDR ASSY VERT AMP EI CONN ( AMP )
|
Tyco Electronics
|
43650-0330 43650-0417 43650-9915 43650-1116 43650- |
MicroFit 3.0 SR Vert TH/Void Tin 3 Ckt 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER,4 POS,VERTICAL,.118 PIT. SELCT GOLD PLATING,15U MIN 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH/Void Tin 5Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:0.118"; No. of Rows:1; Series:Mini-Fit 3.0; Body Material:Liquid Crystal Polymer 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH Peg 30Au 9Ckt 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 3MM VERT TIN 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
SGA3F24S0001 SGA3R24S0001 SGA3R121P0001 |
24 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 121 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, PLUG
|
ITT CANNON
|
51-26-0012 0051-26-0012 051-526-0012 0051260012 WM |
LFH. 075 PITCH, 96 CKT. VERT. I/O PLUG (SALES) LFH .075 PITCH. 96 CKT. VERT.I/O PLUG (SALES)
|
Molex Electronics Ltd. Schurter Inc.
|
22-66-3189 22-66-3249 22-10-7218 22-66-3160 22-66- |
MS (MIL-C-5015) SERIES 97 3106B SPLIT SHELL STRAIGHT PLUGS, STRAIGHT BODY STYLE, SOLDER TERMINATION, 22 SHELL SIZE, 22-18 INSERT ARRANGEMENT, PLUG GENDER, 8 CONTACTS KK 100 Hdr Flat Vert 24 Ckt Gold 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 21 Ckt Gold 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 16 Ckt Gold 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Ckt Tin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 28 Ckt Gold 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 25 Ckt Tin 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 26 Ckt Gold 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 17 Ckt Gold 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 27 Ckt Gold 27 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 06 Ckt Gold 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 17 Ckt Tin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 22662030 KK 100 Hdr Flat Vert 20 Ckt Gold KK 100 Hdr Flat Vert 22 Ckt Gold
|
Amphenol, Corp. Molex, Inc. MOLEX INC
|
|