PART |
Description |
Maker |
ZXTP5401ZTA ZXTP5401Z |
0.6 A, 150 V, PNP, Si, POWER TRANSISTOR 150V, SOT89, PNP High voltage transistor
|
ZETEX PLC Zetex Semiconductors Diodes Incorporated
|
FMMT560 |
PNP High Voltage Transistor PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|
MC79L0006 MMBT5551-A-AE3-E-R MMBT5551-X-AE3-6-R MM |
PNP EXPITAXIAL PLANAR TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
MJE5852 5471 |
HIGH VOLTAGE PNP POWER TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BF421-AP 8836 BF421 BULT106D |
SMALL SIGNAL PNP TRANSISTOR SMALL SIGNAL PNP TRANSISTOR From old datasheet system High voltage fast-switching NPN power transistor
|
ST Microelectronics STMicroelectronics
|
CMPT6517 CMPT6520 |
SMD Small Signal Transistor PNP High Voltage COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
2SA1968LS |
Dynamic Focus Application Transistors PNP Triple Diffused Planar Silicon Transistor High-Voltage Amplifier, High-Voltage Switching Applications
|
SANYO[Sanyo Semicon Device]
|
BF821 BF823 BF821_823_3 BF821/T1 |
PNP high-voltage transistors From old datasheet system TRANSISTOR HIGH VOLTAGE
|
NXP PHILIPS[Philips Semiconductors]
|
CP716 |
Small Signal Transistor PNP - High Voltage Transistor Chip
|
Central Semiconductor Corp
|
KST5401 KST5401MTF |
High Voltage Transistor PNP Epitaxial Silicon Transistor
|
Fairchild Semiconductor FAIRCHILD`
|
KSP94 KSP94BU KSP94TA |
High Voltage Transistor PNP Epitaxial Silicon Transistor
|
Fairchild Semiconductor
|