PART |
Description |
Maker |
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
LT1963EST-3.3 LT1963EST-2.5 LT1963EQ LT1963EQ-1.5 |
1.5A, low noise, fast transient response LDO regulator, 1.5V 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO4 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 From old datasheet system VOLT REGULATOR,FIXED, 3.3V,BIPOLAR,SOT-223,3PIN,PLASTIC 1.5A/ Low Noise/ Fast Transient Response LDO Regulators 1.5A, low noise, fast transient response LDO regulator, adjustable
|
Linear Technology, Corp. http:// Linear Integrated Systems Linear Technology Corp
|
LT1064 LTC1064 LTC1064AC LTC1064ACJ LTC1064ACN LTC |
Low Noise/ Fast/ Quad Universal Filter Building Block Low Noise, Fast, Quad Universal Filter Building Block From old datasheet system
|
LINER[Linear Technology]
|
L1152L-XX-AF5-R L1152G-XX-AF5-R |
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
|
Unisonic Technologies
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
ADF4193BCPZ ADF4193BCPZ-RL |
Low Phase Noise, Fast Settling PLL Frequency Synthesizer PLL FREQUENCY SYNTHESIZER, 3500 MHz, QCC32 Low Phase Noise, Fast Settling PLL Frequency Synthesizer 低相位噪声,快速设置的锁相环频率合成器
|
Analog Devices, Inc.
|
MC3363DW MC3363 ON1073 |
Single Output LDO, 400mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 -40 to 85 LOW POWER DUAL CONVERSION FM RECEIVER From old datasheet system
|
Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
LT1764A |
3A, Fast Transient Response, Low Noise, LDO Regulators
|
linear
|
NCP582DSQ18T1G NCP582DSQ15T1G NCP582DSQ25T1G NCP58 |
Ultra-Fast, Low Noise 150 mA CMOS LDO
|
ON Semiconductor
|
LR8558-32PRM LR8558-32PRN LR8558-32PSB LR8558-32PS |
Low noise, fast response 500mA LDO regulato
|
Leshan Radio Company
|
|