PART |
Description |
Maker |
AF64GSSHI-OAAXP AF16GSSHI-OAAXP AF4GSSHI-OAAXP AF3 |
ATP Industrial Grade mSATA Embedded Module Specification
|
List of Unclassifed Manufacturers
|
HS-62521 HS-6252 |
VIA C3 800MHz Embedded CPU Industrial Single Board Computer
|
BOSER Technology Co., Ltd
|
HS-625302 |
VIA C3 800MHz Embedded CPU Industrial Single Board Computer
|
BOSER Technology Co., Ltd
|
V23990-P585-A208-PM V23990-P585-X2X-D2-14 |
Industrial drives Embedded drives Industrial drives Embedded drives
|
Vincotech
|
V23990-P580-A41-PM V23990-P580-C41-PM |
Industrial drives Embedded drives
|
Vincotech
|
ADSP-TS202S ADSP-TS202SABP-X |
TigerSHARC Embedded Processor TigerSHARC系列嵌入式处理器 TigerSHARC Embedded Processor 64-BIT, OTHER DSP, PBGA576 500 MHz TigerSHARC Processor with 12 Mbit on-chip embedded DRAM
|
Analog Devices, Inc.
|
V23100S2234A840 V23100S0302A303 V23100S2034A840 V2 |
FPGA IGLOOe Family 3M Gates 892.86MHz Commercial 130nm (CMOS) Technology 1.5V 484-Pin FBGA FPGA IGLOOe Family 3M Gates Commercial 130nm (CMOS) Technology 1.5V 484-Pin FBGA FPGA IGLOOe Family 3M Gates 892.86MHz Industrial 130nm (CMOS) Technology 1.5V 484-Pin FBGA FPGA IGLOOe Family 3M Gates Commercial 130nm (CMOS) Technology 1.5V 896-Pin FBGA FPGA IGLOOe Family 3M Gates 892.86MHz Industrial 130nm (CMOS) Technology 1.5V 896-Pin FBGA FPGA ProASIC®3 Family 1M Gates 272MHz Industrial 130nm (CMOS) Technology 1.5V 256-Pin FBGA FPGA ProASIC®3 Family 1M Gates 272MHz Industrial 130nm (CMOS) Technology 1.5V 484-Pin FBGA
|
Cypress Semiconductor, Corp. EPCOS AG
|
AQW210S AQW210SZ AQW212S AQW212SX AQW212SZ AQW214S |
Miniature SOP8-pin type of 60V/350V/400V load voltage Industrial robots
|
Panasonic Semiconductor
|
ADUC814BRU ADUC814ARU ADUC814ARU-REEL ADUC814ARU-R |
MicroConverter/ Small Package 12-Bit ADC with Embedded Flash MCU Circular Connector; No. of Contacts:61; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-61 Circular Connector; No. of Contacts:56; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-4 MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU 8-BIT, FLASH, 16.78 MHz, MICROCONTROLLER, PDSO28 MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU MicroConverter的,小包2位ADC,嵌入式闪存MCU MicroConverter?, Small Package 12-Bit ADC with Embedded Flash MCU
|
Analog Devices, Inc. ANALOG DEVICES INC
|
KM641003A KM641003A-15 KM641003A-12 KM641003A-20 |
256KX4 HIGH SPEED STATIC RAM(5V OPERATING), REVOLUTIONARY PIN OUT OPERATED AT COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGE
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
ADSP-TS201SABP-6X ADSP-TS201SABP-X ADSP-TS201S ADS |
500 MHz, 24 Mbit, Tiger SHARC embedded processor TigerSHARC-R Embedded Processor 64-BIT, OTHER DSP, PBGA576 500/600 MHz TigerSHARC Processor with 24 Mbit on-chip embedded DRAM 600 MHz, 24 Mbit, Tiger SHARC embedded processor
|
Analog Devices, Inc.
|