PART |
Description |
Maker |
841-17-DEFR-DA9P 841-17-DEFR-DA9S |
9 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, IDC, PLUG 9 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, IDC, RECEPTACLE
|
AMPHENOL CORP
|
B02B-PAFYK-1A B02B-PAFYK-A PAP-11V-S SM02B-PASS-TB |
2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PA FAMILY SERIES/PA?PAF?PAL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
|
JST Mfg. Co., Ltd. J S T MFG CO LTD List of Unclassifed Manufacturers
|
87568-1663 87568-4444 87568-2244 87568-3443 87568- |
MGrid IDT Rec /OPolKeyLRmp .38AuLF 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKey .76AuLF 44Ckt 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKey .76AuLF 22Ckt 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKey .38AuLF 34Ckt 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKey .76AuLF 40Ckt 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE MGrid IDT Rec W/PolKeyLRmp .76AuLF 50Ckt
|
Molex, Inc. MOLEX INC
|
97-3250-90 |
; No. of Contacts:50; Contact Termination:IDC; Gender:Male; Contact Plating:Gold RoHS Compliant: Yes 50 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG
|
Cinch Connectors
|
DF1-8S-2.5R24 DF1-8S-2.5R28 DF1-8S-2.5R26 DF1-3S-2 |
8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET FEMALE; MALE, RIGHT ANGLE; STRAIGHT TWO PART BOARD CONNECTOR, CRIMP; IDC; SOLDER, SOCKET 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
HIROSE ELECTRIC Co., Ltd.
|
IPD1-20-D-KCC79L-2024-01-S IPD1-20-D-KCC79R-2024-0 |
40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC ROHS COMPLIANT 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Samtec, Inc. SAMTEC INC
|
14-60-0173 14-60-0073 14-60-0053 14-60-0213 14-60- |
SL IDT Opt A Female 26AWG Tin 17Ckt 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt A Female 26AWG Tin 7Ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt A Female 26AWG Tin 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt A Female 26AWG Tin 21Ckt 21 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt A Female 26AWG Tin 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc. MOLEX INC
|
HCMS-12-S-03-01-S-N HCSD-12-S-03-01-T-N SAMTECINC- |
12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
SAMTEC INC
|
P600M6A10 P600B6A1 P600A6A05 P600G6A4 P600G P600J |
Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 1000V. Maximum RMS voltage 700V. Maximum DC blocking voltage 1000V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 800V. Maximum RMS voltage 560V. Maximum DC blocking voltage 800V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 600V. Maximum RMS voltage 420V. Maximum DC blocking voltage 600V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 400V. Maximum RMS voltage 280V. Maximum DC blocking voltage 400V SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 6.0 Amperes) 一般整流(电压范围- 50000伏特,电六点○安培)
|
WINGS[Wing Shing Computer Components] Vishay Intertechnology, Inc.
|
14-56-8171 14-56-8151 14-56-8071 14-56-8191 14-56- |
CGrid SL IDT SR Conn Opt D 30 SAu 17Ckt 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT SR Conn Opt D 30 SAu 15Ckt 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT SR Conn Assy OptD 30Au 7Ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT SR Conn Opt D 30 SAu 19Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT SR Conn OptD 30Au 6Ckt CGrid SL IDT SR Conn Opt D 30 SAu 14Ckt
|
Molex, Inc. MOLEX INC
|
BU07P-TCS-LELFSN B15B-CSRK JSTMFGCOLTD-13CSR-8PK B |
7 CONTACT(S), TWO PART BOARD CONNECTOR, IDC 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 13 CONTACT(S), TWO PART BOARD CONNECTOR, IDC
|
J S T MFG CO LTD
|
|