PART |
Description |
Maker |
27-62-4069 26-60-4180 26-60-4103 27-62-4079 26-63- |
KK 156 Hdr Assy FrLk 06 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; No. of Contacts:18; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41791; Body Material:Polyester; Current Rating:7A; Voltage Rating:250V 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk 07 Ckt Tin KK 156 Hdr Assy FrLk 03 Ckt 20 SGold KK 156 Hdr Assy FrLk 05 Ckt 20 SGold
|
Molex, Inc. MOLEX INC
|
87553-1011 |
2mm WtB Str Friendly Lck Hdr 1SnLF 10Ckt
|
MOLEX INC
|
MOLEXINC-42892-0109 26-60-7050 |
KK 156 Hdr FrLk RtAn Peg 05 Ckt Tin
|
MOLEX INC
|
154-22 153-28 154-18 154-04 154-10 154-14 154-12 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 40V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 60V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 7.5A I(C) 晶体管|晶体管| npn型| 280伏特五(巴西)总裁| 7.5AI(丙
|
NXP Semiconductors N.V. Bel Fuse, Inc. YEONHO Electronics Co., Ltd.
|
1450129-2 |
MULTI-BEAM XL and MULTI-BEAM XLE - Power Distribution Connector System; MBXL R/A HDR STR 3P ( AMP )
|
Tyco Electronics
|
1600383-7 |
MULTI-BEAM XL and MULTI-BEAM XLE - Power Distribution Connector System; MBXL VERT HDR 4P 24S 4P STR ( AMP )
|
Tyco Electronics
|
6450108-4 |
MULTI-BEAM XL and MULTI-BEAM XLE - Power Distribution Connector System; MBXL VERT HDR 1P 24S 1P STR ( AMP )
|
Tyco Electronics
|
09-07-3098 |
3.96mm (.156") KK庐 IDT Double Cantilever Contact, 9 Circuits, Tin (Sn), Feed-To, 26 and 27 Stranded, Fused Stranded, and 24 Stranded, Green ID Str 3.96mm (.156) KK? IDT Double Cantilever Contact, 9 Circuits, Tin (Sn), Feed-To, 26 and 27 Stranded, Fused Stranded, and 24 Stranded, Green ID Str
|
Molex Electronics Ltd.
|
CPC1217 CPC1217Y |
4-Pin SIP OptoMOS垄莽 Relay 4-Pin SIP OptoMOS? Relay
|
Clare, Inc.
|
26-60-9115 26-60-9155 26-60-9185 |
KK 156 Hdr Assy RtAn Pegs 11 Ckt Tin 11 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Pegs 15 Ckt Tin 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy RtAn Pegs 18 Ckt Tin 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
|