PART |
Description |
Maker |
09-86-3121 09-86-3101 09-86-3061 09-52-1100 09-52- |
KK 156 PBC Assy RtAn 12 Ckt Tin 12 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 10 Ckt Tin 10 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 06 Ckt Tin 6 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 08 Ckt Tin 8 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 02 Ckt Tin 2 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 15 Ckt Gold 15 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 13 Ckt Tin 13 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 15 Ckt Tin 15 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 04 Ckt Tin 4 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 09 Ckt Tin 9 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 07 Ckt Tin 7 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 PBC Assy RtAn 03 Ckt Tin PC Board Connector; Number of Contacts:10; Pitch Spacing:3.96mm; Number of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Material:Brass; Contact Plating:Gold; Gender:Female; Series:2145/3267 PC Board Connector; Number of Contacts:4; Pitch Spacing:3.96mm; Number of Rows:1; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon); Contact Finish:Gold; Gender:Female; Series:KK ; Width:0.396"; Operating Voltage:250V
|
Molex, Inc. MOLEX INC
|
0009502062 09-50-2062 2139-06P |
3.96mm (.156) Pitch KK? Crimp Terminal Housing, Friction Ramp, 6 Circuits 3.96mm (.156") Pitch KK庐 Crimp Terminal Housing, Friction Ramp, 6 Circuits 3.96mm (.156") Pitch KK垄莽 Crimp Terminal Housing, Friction Ramp, 6 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0026034050 6442-R05-Z 26-03-4050 |
3.96mm (.156) Pitch KK Crimp Terminal Housing - Use With Trifurcon? Terminals, Friction Ramp 3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon庐 Terminals, Friction Ramp MOLEX Connector
|
Molex Electronics Ltd.
|
0009524134 09-52-4134 |
3.96mm (.156) Pitch KK? Crimp Housing, Female, Friction Ramp, 13 Circuits 3.96mm (.156") Pitch KK庐 Crimp Housing, Female, Friction Ramp, 13 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0009524054 09-52-4054 |
3.96mm (.156) Pitch KK? Crimp Housing, Female, Friction Ramp, 5 Circuits 3.96mm (.156") Pitch KK庐 Crimp Housing, Female, Friction Ramp, 5 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0009524064 09-52-4064 |
3.96mm (.156) Pitch KK? Crimp Housing, Female, Friction Ramp, 6 Circuits 3.96mm (.156") Pitch KK庐 Crimp Housing, Female, Friction Ramp, 6 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
09-50-6255 09-50-5285 09-50-6085 09-50-6185 09-50- |
Multipole Connector; No. of Contacts:50; Series:KK; Body Material:Polyester 50 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 28Ckt 56 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 8Ckt 16 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 18Ckt 36 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 24Ckt 48 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP
|
Molex, Inc.
|
6442-R08-Z 26-03-4081 0026034081 |
3.96mm (.156") Pitch KK庐 Crimp Terminal Housing - Use With Trifurcon庐 Terminals, Friction Ramp, 8 Circuits 3.96mm (.156) Pitch KK? Crimp Terminal Housing - Use With Trifurcon? Terminals, Friction Ramp, 8 Circuits
|
Molex Electronics Ltd.
|
6442-R15-Z 26-03-4151 |
3.96mm (.156") Pitch KK庐 Crimp Terminal Housing - Use With Trifurcon庐 Terminals, Friction Ramp, 15 Circuits 3.96mm (.156) Pitch KK? Crimp Terminal Housing - Use With Trifurcon? Terminals, Friction Ramp, 15 Circuits
|
Molex Electronics Ltd.
|
0009501041 09-50-1041 5195-04 |
3.96mm (.156) Pitch SPOX?/a> Crimp Housing, Female, With Friction Ramp, 4 Circuits 3.96mm (.156) Pitch SPOX Crimp Housing, Female, With Friction Ramp, 4 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0026034030 6442-R03-Z 26-03-4030 |
3.96mm (.156) Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, Friction Ramp 3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, Friction Ramp MOLEX Connector
|
Molex Electronics Ltd.
|
11-03-0016 09-50-7041 63811-7500 |
156 Pitch Receptacle without Ramp and Terminals, 3 Circuit 156 Pitch Receptacle without Ramp and Terminals, 4 Circuit
|
MolexKits
|
|