PART |
Description |
Maker |
MCH38FM560J MCHN38FM560J |
MICA CHIP CAPACITANCE=56 VOLT=4000 CAPACITOR, MICA, 4000 V, 0.000056 uF, SURFACE MOUNT, 3838
|
Cornell Dubilier Electronics, Inc.
|
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
CAS1A4.7PF/-0.5PF300V CAS1B6.8PF/-0.5PF300V CAS1B4 |
CAPACITOR, MICA, 300 V, 0.0000047 uF, SURFACE MOUNT CHIP CAPACITOR, MICA, 300 V, 0.0000068 uF, SURFACE MOUNT CHIP
|
SPC Technology
|
M30623M8T-910GP M30622MA-721FP M30623M4T-246GP |
MICA RoHS Compliant: No SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
TN2-L2-H-9 TN2-L2-H-9V TN2-12 TN2-L2-H-12V TN2-L2- |
SLIM POLARIZED RELAY Silver Mica Capacitor; Capacitance:300pF; Capacitance Tolerance: /- 5%; Series:CD5; Voltage Rating:50VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:Yes RoHS Compliant: Yes SLIM的极化继电器
|
http:// NAIS[Nais(Matsushita Electric Works)] NAIS[Matsushita Electric Works(Nais)]
|
SMBJ2K4.0 SMBJ2K4.5 SMBJ2K3.0 SMBJ2K30 SMBJ2K5.0 S |
TRANSIENT VOLTAGE SUPPRESSOR Silver Mica Capacitor; Capacitance:3000pF; Capacitance Tolerance: /- 1%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No
|
MICROSEMI[Microsemi Corporation]
|
MK45H02N MK45H03K MK45H02K12 MK45H01 MK45H11 MK45H |
VERY FAST CMOS 512/1K/2K x9BiPORT FIFO 很好快速CMOS 512/1K/2K x9BiPORT先进先出 Silver Mica Capacitor; Capacitance:3000pF; Capacitance Tolerance: /- 1%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
http:// STMicroelectronics N.V. 意法半导
|
MT8LD864AG-5X MT16LD1664AG-5X MT32LD3264AG-5X MT16 |
DRAM MODULE Silver Mica Capacitor; Capacitance:8200pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:1000VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:1000pF; Capacitance Tolerance: /- 5%; Series:CDV30; Voltage Rating:1500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No
|
Micron Technology, Inc.
|
Q62702-P128 SFH205 SFH206 SFH206F Q62702-P102 |
Silver Mica Capacitor; Capacitance:50pF; Capacitance Tolerance: 5%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:Yes RoHS Compliant: Yes Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter Silizium Fotodiode麻省理工Tageslichtsperrfilter硅的PIN光电二极管与日光过滤
|
Siemens Semiconductor Group Infineon SIEMENS AG
|
CDLL4620 CDLL4614 CDLL4615 CDLL4616 CDLL4617 CDLL4 |
4.3 volt zener diode 3.3 volt zener diode 5.1 volt zener diode 3.9 volt zener diode 2.4 volt zener diode LEADLESS PACKAGE FOR SURFACE MOUNT 2-of-3 Decoder/Demultiplexer 8-US8 -40 to 85 2-of-3 Decoder/Demultiplexer 8-SM8 -40 to 85 2-of-3 Decoder/Demultiplexer 8-DSBGA -40 to 85 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 4.7 volt zener diode 5.6 volt zener diode 2.2 volt zener diode 3.6 volt zener diode 2.0 volt zener diode
|
Compensated Devices Incorporated CDI-DIODE[Compensated Deuices Incorporated]
|
AT45DB041B AT45DB041B-CC AT45DB041B-CI AT45DB041B- |
4M bit, 2.7-Volt Only Serial-Interface Flash with Two 264-Byte SRAM Buffers 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
|
ATMEL[ATMEL Corporation] ETC
|
CPZ33R |
12 Volt Quad TVS Chip
|
Central Semiconductor Corp
|
|