PART |
Description |
Maker |
E28F256J3C-110 GE28F256J3C-110 E28F256J3C-115 GE28 |
Intel StrataFlash Memory (J3) 英特StrataFlash存储器(J3 Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 10x20 mm; Packaging: Bulk 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 16M X 16 FLASH 2.7V PROM, 125 ns, PDSO56 Intel StrataFlash Memory (J3) 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 8M X 16 FLASH 3V PROM, 150 ns, PDSO56 Intel StrataFlash Memory (J3) 8M X 16 FLASH 2.7V PROM, 120 ns, PBGA64 (TE28FxxxJ3C) Strata Flash Memory Strata Flash Memory / 256 Mbit
|
Intel, Corp. Intel Corp. http:// Intel Corporation
|
28F128J3A 28F320J3A 28F640J3A 29066706 |
3 Volt Intel? StrataFlash? Memory From old datasheet system
|
Intel
|
TE28F320J3C JS28F128J3A-110 JS28F128J3A-115 JS28F1 |
Intel StrataFlash Memory (J3)
|
Intel Corporation
|
GE28F320W30B70 GE28F320W30B85 RD28F6408W30T85 28F6 |
Segmented Alphanumeric LED; Display Technology:LED; No. of Digits/Alpha:1; Body Material:GaAsP; LED Color:Red; Leaded Process Compatible:Yes; Luminous Intensity:7.5mcd RoHS Compliant: Yes 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) SPECIALTY MEMORY CIRCUIT, PBGA80 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 1.8伏英特尔无线闪存伏的I / O和SRAM(宽30
|
Intel, Corp. Intel Corp.
|
RC28F256 |
Intel StrataFlash Embedded Memory
|
Intel Corporation
|
28F3204W30 RD28F6408W30T85 28F320W30 28F6408W30 28 |
1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
|
INTEL[Intel Corporation]
|
RD28F3204W30B70 GT28F640W30T85 |
1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
|
Intel Corporation
|
28F640P3 PF48F3P0ZB00 PF48F2P0ZB00 PC48F0P0VB00 PC |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Conductor Plating:Copper RoHS Compliant: Yes Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:5m; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Contact Current Max:3A; Contact Rating:3A Intel StrataFlash Embedded Memory 16M X 16 FLASH 1.8V PROM, 88 ns, PDSO56 Intel StrataFlash Embedded Memory 4M X 16 FLASH 1.8V PROM, 85 ns, PDSO56 Intel StrataFlash Embedded Memory 8M X 16 FLASH 1.8V PROM, 85 ns, PDSO56 COAXIAL CABLE; COAXIAL RG/U TYPE:11; IMPEDANCE 75OHM CONDUCTOR SIZE AWG:14; NO. STRANDS X STRAND SIZE: SOLID; JACKET MATERIAL:POLYVINYLCHLORIDE (PVC); CONDUCTOR MATERIAL:STEEL; CONDUCTOR PLATING COPPER; JACKET COLOR:BLAC 英特尔StrataFlash嵌入式存储器 Intel StrataFlash Embedded Memory 16M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 Intel StrataFlash Embedded Memory 英特尔StrataFlash嵌入式存储器 Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:20-41 英特尔StrataFlash嵌入式存储器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle 英特尔StrataFlash嵌入式存储器 Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:43mm; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Contact Current Max:3A; Contact Rating:3A 英特尔StrataFlash嵌入式存储器 Strata Flash Memory / 1 Gbit P30 Family CAP 0.01UF 63V 10% MET-POLY-BOX RAD5MM 7.5X6.5X2.5MM BULK 8M X 16 FLASH 1.8V PROM, 85 ns, PBGA88 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:20-41 Intel StrataFlash Embedded Memory
|
Intel Corp. http:// Intel, Corp. Intel Corporation
|
PC28F128G18XX |
StrataFlash Embedded Memory
|
Micron
|