PART |
Description |
Maker |
87427-2212 87427-1013 87427-1012 87427-2013 87427- |
4.2mm WtB RAHdr HT /OMntFlg 2.54Sn 22Ckt 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.2mm WtB RAHdr HT /OMntFlg 4Sn 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.2mm WtB RAHdr HT /OMntFlg 2.54Sn 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 20ckt r/a minifit jr with flange conn. 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.20mm WtB RAHdr HT /OMntFlg 2.54Sn 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
53325-1360 53325-0760 53325-0260 53325-1060 53325- |
2.0 WtB Wafer Assy RA 13Ckt 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 2Ckt 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 10Ckt 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:5; Pitch Spacing:2mm; No. of Rows:1; Series:Mi II; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 11Ckt 11 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
10114827-001LF 10114827-002LF |
WTB 1.25MM TERMINAL
|
FCI connector
|
MAX8902A08 MAX8902B MAX8902A |
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
|
Maxim Integrated Produc... Maxim Integrated Products
|
LT3590NBSP LT3590 LT3590EDC-PBF LT3590EDC-TRPBF LT |
48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
|
Linear Technology Corporation
|
MAX8884ZEREKET MAX8884Y |
700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
|
MAXIM - Dallas Semiconductor
|
MAX8902AATA/V MAX8902A-15 |
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
|
Maxim Integrated Produc...
|
MAX864910 |
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
|
Maxim Integrated Products
|
LTC3526LBEDC-2PBF |
550mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm × 2mm DFN
|
Linear Technology
|
AAT2113A AAT2113AIXS-0.6-T1 AAT2113AIXS-1.2-T1 |
3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
|
Advanced Analogic Technologies
|
LT6660JCDC-2.5PBF LT6660JCDC-2.5TRPBF LT6660JCDC-3 |
Tiny Micropower Precision Series References in 2mm x 2mm DFN
|
Linear Technology
|