PART |
Description |
Maker |
71430-0006 |
CONN RECEPT R/A .8MM 68POS SMD
|
Molex
|
51090-1100 51090-1300 51090-0500 51090-0300 |
MI-2 S/R WTB CRMP HSG 11C 510901100 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE HOUSING 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 5CKT 2MM W-B CONN RECEPT HOUS 510900300
|
Molex, Inc. MOLEX INC
|
5100669-1 |
2mm Hard Metric PCB Mount Connectors ( Z-PACK 2mm HM ); Z-PACK M.CONN.175P. ( AMP )
|
Tyco Electronics
|
Q62703-Q2153 Q62703-Q2156 LY3341-LP LY3341-M Q6270 |
3 mm T1 LED Non Diffused Super-Bright LED 3 mm T1 LED/ Non Diffused Super-Bright LED CONN RECEPT 2MM 10POS SIDE ENTRY 3 mm T1 LED, Non Diffused Super-Bright LED 3毫米T1的LED,不扩散超高亮度发光二极 3 mm T1 LED, Non Diffused Super-Bright LED T-1 SINGLE COLOR LED, SUPER RED, 3 mm 3 mm T1 LED, Non Diffused Super-Bright LED T-1 SINGLE COLOR LED, PURE GREEN, 3 mm 3 mm T1 LED, Non Diffused Super-Bright LED T-1 SINGLE COLOR LED, GREEN, 3 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
79109-8460 79109-1054 79109-8654 79109-8468 79109- |
MGrid VRec /Cap O/Pg T&R .76AuLF 22Ckt 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid VRec SMT W/OCapPgs .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid VRec /Cap /Pg T&R .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid VRec /Cap O/Pg T&R .76AuLF 38Ckt 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid VRec /Cap O/Pg T&R .76AuLF 32Ckt 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid VRec /Cap /Pg T&R .38AuLF 50Ckt 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid VRec SMT W/OCapPgs .76AuLF 14Ckt 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid VRec SMT W/OCapPgs .76AuLF 6Ckt 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid VRec SMT W/OCapPgs .38AuLF 14Ckt 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 4POS 2MM VERT SMD 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 12POS 2MM VERT SMD 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid VRec /Cap /Pg T&R .76AuLF 6Ckt 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 16POS 2MM VERT SMD 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid VRec SMT O/Cap /Pgs .76AuLF 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid VRec SMT W/OCapPgs .76AuLF 50Ckt 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid VRec SMT W/OCapPgs .38AuLF 38Ckt MGrid VRec SMT W/OCapPgs .76AuLF 38Ckt
|
Molex, Inc. MOLEX INC
|
MIC94040 MIC94040YFL MIC94041 MIC94041YFL MIC94042 |
28mΩ RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF? package 28mΩ RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF package 28mヘ RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF package
|
Micrel Semiconductor
|
CPH38W23MARARK9X |
PLUG CONNECTOR 38pos.
|
CONEC Elektronische Bauelemente GmbH
|
FS0802BD00TR FS0802 |
CONN 28POS 2MM SOCKET VERT PC MT 表面贴装可控 SURFACE MOUNT SCR
|
List of Unclassifed Manufacturers ETC[ETC] Fagor
|
PSA-50-301 |
High Curr ent Triple Output
|
Phihong USA Inc.
|
5010445009 501044-3009 501044-4009 501044-5009 |
0.4 WIRE TO BOARD CONN. REC. HOUSING ASSEMBLY SIDE ENTRY -LEAD FREE-
|
Molex Electronics Ltd.
|
86094488613765E1LF 86093488613H45E1LF 860933286137 |
2mm Hard Metric Contacts and Accessories ( Z-PACK 2mm HM ); 2MM H.M.,B-19 SHROUD 4.9MM ( AMP ) DIN REVERSE RECEPTACLE(ANGLED SPILL DIN41612 STYLE-R/2) 依据DIN反向插座(款式直角溢出DIN41612 - R 2
|
Glenair, Inc.
|
|