PART |
Description |
Maker |
TR/3216FF1-R |
FUSE 1A 63V FAST SMD 1206 FAST BLOW ELECTRIC FUSE, 1A, 32VAC, 63VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc.
|
3402.0044.XX 3402.0019.XX 3402.0014.XX 3402.0043.X |
FUSE OMF 63V 2.5A FAST BLOW ELECTRIC FUSE, 2.5A, 63VAC, 63VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
|
SCHURTER AG Schurter Inc.
|
217080P 217.063P 217.040P 217.800P 217.500P 217.20 |
Available in Cartridge and Axial Lead Form FAST BLOW ELECTRIC FUSE, 0.05A, 250VAC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.063A, 250VAC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.032A, 250VAC, 35A (IR), INLINE/HOLDER 5 x 20 mm Fast-Acting Fuse
|
Littelfuse
|
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
434002RA000 |
FUSE SMD VERY FAST 2.0A 贴片保险丝特快.0安培
|
Switchcraft, Inc.
|
L15S200 L60S800 KLA50 |
FAST BLOW ELECTRIC FUSE, 200A, 150VAC, 100VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 800A, 600VAC, 200000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 50A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER
|
|
PCC-2 |
PC Board Fuse; Current Rating:3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Leaded Process Compatible:No; Body Material:Plastic; Diameter:8.12mm; Fuse Size/Group:8.89 x 8.12 mm; Fuse Type:Fast Acting; Length:8.89mm
|
COOPER INDUSTRIES
|
3JQ300-R 3JQ350-R 2JQ300-R |
Fuses, RoHS 300mA 350V FAST 2AG LEADED FAST BLOW ELECTRIC FUSE, 0.3A, 350VAC, 140VDC, 100A (IR), THROUGH HOLE Fuses, RoHS 350mA 350V FAST 2AG LEADED FAST BLOW ELECTRIC FUSE, 0.35A, 350VAC, 140VDC, 100A (IR), THROUGH HOLE Fuses, RoHS 300mA 350V FAST 2AG FAST BLOW ELECTRIC FUSE, 0.3A, 350VAC, 140VDC, 100A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
0251012.VRL 0253.375MRT3L |
VERY FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
|
A15QS20-2 A15QS500-4IL A15QS150-4TI A15QS40-1 A15Q |
FAST BLOW ELECTRIC FUSE, 20A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 500A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 150A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 40A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 80A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
6.9URD000PV0040 6.9URD0PV0063 6.9URD1PV0200 6.9URD |
ULTRA FAST BLOW ELECTRIC FUSE, 40A, 690VAC, 80000A (IR), INLINE/HOLDER ULTRA FAST BLOW ELECTRIC FUSE, 63A, 690VAC, 170000A (IR), INLINE/HOLDER ULTRA FAST BLOW ELECTRIC FUSE, 200A, 690VAC, 170000A (IR), INLINE/HOLDER ULTRA FAST BLOW ELECTRIC FUSE, 160A, 690VAC, 170000A (IR), INLINE/HOLDER
|
MERSEN
|
|