PART |
Description |
Maker |
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
P6LU-243R3ZH40 P6LU P6LU-0505ZH40 P6LU-0512ZH40 P6 |
Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-15V ( /-34mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output 4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 4kV的隔1W的未稳压双输出SIP7
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
PZ5LU-153R3E PZ5LU-0505E PZ5LU-0512E PZ5LU-0515E P |
PZ5LUxxxxE 3 KV ISOLATED 0.75 W UNREGULATED SINGLE OUTPUT SIP7 PZ5LUxxxxE 3 KV ISOLATED 0.75 W UNREGULATED SINGLE OUTPUT SIP7
|
PEAK[PEAK electronics GmbH]
|
P6BU-XXXXZ |
1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8
|
PEAK electronics
|
P3AU-XXXX P3AU P3AU-0505E P3AU-0512E P3AU-053R3E P |
1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT SIP4
|
PEAK[PEAK electronics GmbH] ETC Electronic Theatre Controls, Inc.
|
P10MU-247R2Z P10MU-0505Z P10MU-0512Z P10MU-0515Z P |
3KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
P10LU-247R2Z P10LU-0505Z P10LU-0512Z P10LU-0515Z P |
3KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
|
PEAK[PEAK electronics GmbH]
|
P7BU-0515E P7BU-0505E P7BU-0512E P7BU-2424E P7BU-1 |
1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
|
PEAK[PEAK electronics GmbH]
|
P10DU-2412E P10DU-0505E P10DU-0512E P10DU-1205E P1 |
1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
|
PEAK[PEAK electronics GmbH]
|
P6BUI-XXXXZ |
1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT DIP8
|
PEAK electronics
|
F0515XM |
1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
|
Microdc power Technolog...
|
G2424XM H0303XM H0505XM H0503XM G1212XM |
1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
|
Microdc power Technology Co... Microdc power Technolog...
|