PART |
Description |
Maker |
ADM12914 ADM12914-1ARQZ ADM12914-1ARQZ-RL7 ADM1291 |
±0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor 隆戮0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor
|
Analog Devices
|
PC74HCT4066 |
(It is accurate) Quad Bilateral Switches
|
NXP
|
MAX16064ETX |
隆戮0.3% Accurate, Quad, Power-Supply Controller with Active-Voltage Output Control and PMBus Interface ±0.3% Accurate, Quad, Power-Supply Controller with Active-Voltage Output Control and PMBus Interface
|
Maxim Integrated Products
|
AD5060ARJZ-1REEL7 AD5060ARJZ-2REEL7 AD5060YRJZ-1RE |
Full Accurate 3 V/5 V 16-Bit VOUT nanoDAC® Converter, Output Buffered, in a Sot 23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO8 Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23 Fully Accurate 14-/16-Bit VOUT nanoDAC?SPI Interface 2.7 V to 5.5 V, in an SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
TMP06BKS-500RL7 TMP05BKS-500RL7 TMP05ART-REEL7 TMP |
±0.5°C Accurate PWM Temperature Sensor in 5-Lead SC-70 TV 22C 22#22D PIN PLUG 0.5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 1Cel, RECTANGULAR, SURFACE MOUNT TV 22C 22#22D SKT PLUG DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5ΣC高精度PWM温度传感器在5引脚SC - 70 ??.5?? Accurate PWM Temperature Sensor in 5-Lead SC-70
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX1932 MAX1932ETC MAXB1932ETC MAX1932ETCT |
Digitally Controlled / 0.5% Accurate / Safest APD Bias Supply Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, QCC12 "Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply" Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX6581TG9A MAX6581TG98 MAX6581TG9C MAX6581TG9E |
隆戮1隆?C Accurate 8-Channel Temperature Sensor 卤1掳C Accurate 8-Channel Temperature Sensor ±1°C Accurate 8-Channel Temperature Sensor
|
Maxim Integrated Products
|
SMP11GY SMP10EY SMP10AY SMP11BY SMP11FY SMP11GP SM |
Low Droop Rate / Accurate / Sample and Hold Amplifiers IC,SAMPLE/TRACK-AND-HOLD AMPLIFIER,SINGLE,DIP,14PIN,CERAMIC LOW DROOP RATE/ACCURATE SAMPLE-ANDHOLD AMPLIFIERS
|
adi Analog Devices http://
|
LTC1992 LTC1998IS6 LTC1998 LTC1998C LTC1998CS6 LTC |
2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring 2.5uA1%精度,采用SOT - 23比较器和电池电压参考监 2.5uA/ 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
ADT7302ARMZ ADT7302ARMZ-REEL7 ADT7302ART-500RL7 AD |
±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 【2∑C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 ±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
|
AD[Analog Devices]
|
LT1468-2 LT1468IDD-2-PBF LT1468IDD-2-TRPBF LT1468I |
200MHz, 30V/μs 16-Bit Accurate AV ?2 Op Amp 200MHz, 30V/楼矛s 16-Bit Accurate AV 隆? 2 Op Amp 200MHz, 30V/レs 16-Bit Accurate AV ∶ 2 Op Amp
|
Linear Technology
|