PART |
Description |
Maker |
SDM100K30L-7 SDM100K30L08 |
DIODE SCHOTTKY 30V 1.0A SOD323 1 A, 30 V, SILICON, SIGNAL DIODE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Diodes, Inc. Diodes Incorporated
|
BAP63-03 |
Silicon PIN diode BAP63-03<SOD323 (SOD323)|<<http://www.nxp.com/packages/SOD323.html<1<week 31, 2003,;
|
NXP Semiconductors N.V.
|
IRF7526D1 IRF7526D1TR |
Co-packaged HEXFETò Power MOSFET and Schottky Diode FETKYMOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩MOSFET FETKY MOSFET & Schottky Diode(Vdss=-30V Rds(on)=0.20ohm Schottky Vf=0.39V) FETKY MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩ MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
|
International Rectifier, Corp. IRF[International Rectifier]
|
182NQ030 150CMQ035 150CMQ040 150CMQ045 182NQ030R |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 30V80A肖特基DISCRR)的二极管在D - 67半白 30V 180A Schottky DISCR. (R) Diode in a D-67 HALF-Pak package 30V 180A Schottky Discrete Diode in a D-67 HALF-Pak package SCHOTTKY RECTIFIER
|
International Rectifier, Corp. IRF[International Rectifier] http://
|
BAT54AW BAT54AWPBF |
0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE SCHOTTKY DIODE 0.2 Amp 30V 0.2A Schottky Common Anode Diode in a SOT-323 package
|
International Rectifier
|
SB07-03P-TD-E EN2981C EN2981 SB07-03P-12 |
Schottky Barrier Diode, 30V, 0.7A, Low IR, Single PCP 30V, 700mA Rectifier
|
ON Semiconductor Sanyo Semicon Device
|
BAT54WS |
30V 0.2A Schottky Discrete Diode in a SOD-323 package SCHOTTKY DIODE 0.6 Amp
|
International Rectifier
|
PST7040M PST7022M PST7026M PST7025M PST7021M PST70 |
Analog IC -20V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7324D1 with Lead Free Packaging 30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7353D1 with Lead Free Packaging 30V FETKY - MOSFET and Schottky Diode in a SO-8 package; A IRF7353D1 with Standard Packaging -20V FETKY - MOSFET and Schottky Diode in a SO-8 package; A IRF7324D1 with Standard Packaging -20V FETKY - MOSFET and Schottky Diode in a SO-8 package; A IRF7324D1 with Tape and Reel Packaging 30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7421D1 with Lead Free Packaging -30V FETKY - MOSFET and Schottky Diode in a Micro 8 package; A IRF7526D1 with Standard Packaging -20V FETKY - MOSFET and Schottky Diode in a Micro 8 package; A IRF7534D1 with lead Free Packaging
|
|
FDFS2P753AZ |
Integrated P-Channel PowerTrench? MOSFET and Schottky Diode -30V, -3A, 115mΩ Integrated P-Channel PowerTrench㈢ MOSFET and Schottky Diode -30V, -3A, 115mヘ
|
Fairchild Semiconductor
|
BAS16WX-TP |
DIODE SWITCH 75V 200MA SOD323 0.1 A, 75 V, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
IRF7523D1 |
FETKY⑩ MOSFET / Schottky Diode(Vdss=30V, Rds(on)=0.11ohm, Schottky Vf=0.39V) FETKY MOSFET / Schottky Diode(Vdss=30V, Rds(on)=0.11ohm, Schottky Vf=0.39V)
|
IRF[International Rectifier]
|
50WQ03FNTR 50WQ03FNTRL 50WQ03FN 50WQ03FNTRR |
30V 5.5A Schottky Discrete Diode in a D-Pak package SCHOTTKY RECTIFIER
|
International Rectifier
|