PART |
Description |
Maker |
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
LTC4440-15 |
High Speed, High Voltage High Side Gate Driver
|
Linear Technology
|
LTC4440ES6 LTC4440 LTC4440EMS8E LTC444009 |
High Speed, High Voltage High Side Gate Driver
|
Linear Technology
|
LTC4440-5 |
High Speed, High Voltage, High Side Gate Driver
|
linear
|
TLD1314EL TLD1314EL-15 |
3 Channel High Side Current Source Basic LED Driver Smart low side and high side switches
|
Infineon Technologies AG Infineon Technologies A... Marl International Limi...
|
AM29707DC AM29707LC AM29707PC AM29705/BXA AM29705A |
Dual Low Side Driver in a 8-pin DIP package; A IR4427 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a Lead-Free 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with dependent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2609DSPBF with Standard Packaging x4 SRAM Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a 8-Lead SOIC x4SRAM
|
|
AM2971ALCB AM2971ALE AM2971DE AM2971DC AM2971A/BJA |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 16-Lead SOIC User Programmable Special Function ASIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 16-Lead SOIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a Lead-Free 16-Lead PDIP -2 Lead High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 14-Lead PDIP Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package; A IR21084 packaged in a Lead-Free 14-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free mod. 44-Lead PLCC 用户可编ASIC的特殊功 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC 用户可编程ASIC的特殊功
|
Amphenol, Corp.
|
BTS452T Q67060-S7406 BTS452-T |
High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-TSSOP -55 to 125 Smart Power High-Side-Switch Smart High Side Switches - 200mΩ, 6-52V 1,8A, P-TO-252-5
|
INFINEON[Infineon Technologies AG]
|
MAX16833CAUE MAX16833CAUET MAX16833CAUE/V MAX16833 |
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
|
MAXIM - Dallas Semiconductor
|
MAX16833AUE MAX16833 MAX16833B |
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
|
Maxim Integrated Products
|
LTC6103CMS8 LTC6103HMS8 LTC6103IMS8 LTC6103 LTCMN |
DUAL HIGH VOLTAGE, HIGH SIDE CURRENT SENSE AMPLIFIER
|
LINER[Linear Technology]
|
BTS716G BTS716 Q67060-S7025 |
High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-SO -55 to 125 Smart High Side Switches - 3,0-40V, 4x140mΩ Limit(scr) 6,5A DSO-20-9 Smart High-Side Power Switch Four Channels: 4 x 140m Status Feedback Smart High-Side Power Switch Four Channels: 4 x 140mз Status Feedback
|
INFINEON[Infineon Technologies AG]
|