PART |
Description |
Maker |
SFH450V SFH450 |
SFH Transmitters & Receivers - Transmitter (LED only) 950nm - connector housing Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
|
INFINEON[Infineon Technologies AG]
|
0494490203 |
7.92mm (.312) Pitch Power Connector Housing, 2 Circuits,Polyester UL94V-0, Yellow MOLEX Connector
|
Molex Electronics Ltd.
|
ZHR-3 ZHR-4 ZHR-6 ZHR-2 S2B-ZR S4B-ZR S3B-ZR B2B-Z |
CONNECTOR HOUSING 4 WAY CONNECTOR HOUSING 6 WAY HEADER SIDE ENTRY 2 WAY HEADER SIDE ENTRY 4 WAY HEADER SIDE ENTRY 3 WAY HEADER TOP ENTRY 2 WAY HEADER SIDE ENTRY 6 WAY HEADER TOP ENTRY 3 WAY HEADER TOP ENTRY 6 WAY CONNECTOR HOUSING 2 WAY 连接器外2种方 CONNECTOR HOUSING 3 WAY 连接器外3未来 HEADER TOP ENTRY 4 WAY 头顶端插
|
Electronic Theatre Controls, Inc.
|
0009016224 09-01-6224 2574-22A12 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 22 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0009016101 09-01-6101 2574-10A6 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 10 Circuits, Rib between 4 & 5, 7 & 8 MOLEX Connector
|
Molex Electronics Ltd.
|
0474680001 |
2.54mm (.100) SIM Card Connector, 6 Circuits, Surface Mount, with Guide Rail, Housing Height 2.00mm (.079), Lead Free MOLEX Connector
|
Molex Electronics Ltd.
|
IRFY430M-T257 |
Publications, Books RoHS Compliant: NA N-Channel Power MOSFET For HI-REL Application(Vdss:500V,Id(cont):4.5A,Rds(on):1.65Ω)(N沟道功率MOS场效应管,HI-REL应用(Vdss:500V,Id(cont):4.5A,Rds(on):1.65Ω)) N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
|
TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB]
|
0546791619 54679-1619 |
1.25mm (.049) Pitch Small MGC (Multi-Ground Connector) Panel Mount Receptacle Housing Adapter, Polarizing Key 2.00mm (.079) Left From the Center MOLEX Connector
|
Molex Electronics Ltd.
|
90142-0014 90142-0024 90142-0022 90142-0034 90142- |
Connector Housing; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:22; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:34; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:60; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 60 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:64; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 64 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 44POS .100 DUAL 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 54POS .100 DUAL 54 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
10-63-3044 10-63-3064 10-63-3054 10-63-3034 |
Connector Housing; Number of Contacts:4; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Contact Termination:Crimp 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:6; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Contact Termination:Crimp 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:5; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Contact Termination:Crimp 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5/7.5MM KK SPOX HOUSING 519903 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
|