PART |
Description |
Maker |
PUMB2 PEMB2-PUMB2-15 |
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. PNP/PNP resistor-equipped transistors R1 = 47 k? R2 = 47 k?
|
NXP Semiconductors
|
PDTA144TEF PDTA144TM |
PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
PUMB19 PUMD19 PEMD19 PEMH19 PUMH19 PEMB19 PEMD1911 |
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = open NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR PEMD19; PUMD19; NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTB113ZT215 PDTB113ZT |
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
NXP Semiconductors N.V.
|
PDTA114TU PDTA114TS PDTA114TE PDTA114TT PDTA114TU1 |
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = open PNP配电阻型晶体管;R1=10千欧姆,R2=开
|
NXP Semiconductors N.V.
|
PDTA114Y PDTA114YE PDTA114YEF PDTA114YK PDTA114YM |
PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PDTA114Y series; PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PEMB1 PEMB1_1 |
From old datasheet system PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm PNP resistor-equipped transistors; R1 = 22 kohm/ R2 = 22 kohm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PUMB4 PEMB4 PEMB4-PUMB4-15 |
PNP/PNP resistor-equipped transistors; R1 = 10 k楼?, R2 = open PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
|
NXP Semiconductors
|
PDTA124EE |
PNP resistor-equipped transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PDTA144 PDTA144EE |
PNP resistor-equipped transistor
|
PHILIPS[Philips Semiconductors]
|