PART |
Description |
Maker |
LTC6421CUDC-20-PBF LTC6421IUDC-20-PBF LTC6421CUDC- |
Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
|
Linear Technology
|
MGFS45V2123A_04 MGFS45V2123A MGFS45V2123A04 |
2.1 - 2.3GHz BAND 32W INTERNALLY MATCHED GaAs FET
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
SP8802 SP8802A SP8802ADG DES9066101 DES9066101AC D |
6.5V; 420mW; 3.3GHz 2fixed modulus divider 3.3GHz ÷ 2 fixed Modulus Divider 3.3GHz 2 fixed Modulus Divider 3.3GHz ± 2 fixed Modulus Divider 3.3GHz ± 2个固定的模数分频
|
MITEL[Mitel Networks Corporation] Mitel Semiconductor Mitel Networks, Corp.
|
LT5520 LT5520EUF LT5520EUFPBF |
1.3GHz to 2.3GHz High Linearity Upconverting Mixer; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C TELECOM, CELLULAR, RF AND BASEBAND CIRCUIT, PQCC16
|
Linear Technology, Corp.
|
ALD1116DA ALD1106SB ALD1106DB ALD1106 ALD1106PB AL |
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-35 RoHS Compliant: No TRANS NPN 40VCEO 10A TO-220F 双N沟道MOSFET的阵列匹 QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY 双N沟道MOSFET的阵列匹
|
ALD[Advanced Linear Devices] Advanced Linear Devices, Inc.
|
MAT03 MAT03FH |
Low Noise / Matched Dual PNP Transistor Low Noise, Matched Dual PNP Transistor 20 mA, 36 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
Analog Devices, Inc.
|
LS4D28-100-RN LS4D28-270-RN LS4D28-271-RN LS4D28-3 |
Dual N-Channel EPAD Matched Pair MOSFET Array, Vgs= 0.2 V, Enhancement Mode, 8L SOIC, EPAD Enabled 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR, SMD Surface Mount Power Inductors 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR, SMD Dual N-Channel EPAD Matched Pair MOSFET Array, Vgs= 0.0 V, 8L PDIP, EPAD Enabled Dual N-Channel EPAD Matched Pair MOSFET Array, Vgs= 0.4 V, Enhancement Mode, 8L PDIP, EPAD Enabled Quad N-Channel EPAD Matched Pair MOSFET Array, Vgs= 1.4 V, 16L SOIC, EPAD Enabled Quad N-Channel EPAD Matched Pair MOSFET Array, Vgs= 1.4 V, 16L PDIP, EPAD Enabled
|
http:// ICE Components, Inc. ICE COMPONENTS INC
|
PHA-11 |
Dual Matched MMIC Amplifier
|
Mini-Circuits
|
PHA-22 |
Dual Matched MMIC Amplifier
|
Mini-Circuits
|
MAT01-15 |
Matched Monolithic Dual Transistor
|
Analog Devices
|
ALD1102APAL ALD1102ASAL ALD1102BPAL ALD1102BSAL AL |
DUAL P-CHANNEL MATCHED MOSFET PAIR
|
Advanced Linear Devices
|
NST65010MW6T1G NSVT65010MW6T1G |
Dual Matched General Purpose Transistor
|
ON Semiconductor
|