PART |
Description |
Maker |
24LC32A-I/MS |
32K, 4K X 8, 2.5V SER EE IND, -40C to 85C, 8-MSOP, TUBE
|
Microchip Technology
|
74LVT16244MEAX |
256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-TSSOP, T/R 位缓冲器/驱动
|
Bourns, Inc.
|
74LVTH16646MEAX 74LVT16646MEAX |
8K, 1K X 8, 16B PAGE, 2.5V SER EE IND, -40C to 85C, 8-TSSOP, T/R 位总线收发 512K, 64K X 8, 2.5V SER EE, IND, -40C to 85C, 8-SOIC 208mil, T/R 位总线收发
|
TE Connectivity, Ltd. Fairchild Semiconductor, Corp.
|
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
LH52256C-10LL LH525CL9 |
256K SRAM CMOS 256K (32K x8) Static RAM(CMOS 256K (32K x8) 静态RAM) 的CMOS 256K2K的8)静态RAM(的CMOS 256K2K的8)静态的RAM
|
Sharp Electrionic Compo... Sharp Electrionic Components Sharp, Corp.
|
AT28LV256 DOC231 AT28LV256-25TI AT28LV256-20 AT28L |
256K 32K x 8 Low Voltage CMOS E2PROM From old datasheet system 256K (32K x 8) Low Voltage
|
ATMEL[ATMEL Corporation]
|
CY7C1399DL-10VXC CY7C1399DL-10VXI CY7C1399DL-10ZXC |
32K X 8 CACHE SRAM, 12 ns, PDSO28 256K (32K x 8) Static RAM
|
CYPRESS SEMICONDUCTOR CORP
|
CY7C0851V |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM(FLEx36TM 3.3V 32K/64K/128K/256K x 36同步双端口RAM)
|
Cypress Semiconductor Corp.
|
IHB2EB1R0M IHB6BV6R8M IHB2BV121K IHB6BV123K IHB2BV |
General Fixed Inductor, 1 ELEMENT, 1 uH, GENERAL PURPOSE INDUCTOR, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, IND,WIREWOUND,6.8UH,20% TOL,20% -TOL General Fixed Inductor, IND,WIREWOUND,120UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,12MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,8.2UH,20% TOL,20% -TOL IND FLTR 33UH 20% 1KHZ 13.5A RDL - Bulk General Fixed Inductor, IND,WIREWOUND,390UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,3.3UH,20% TOL,20% -TOL General Fixed Inductor, IND,WIREWOUND,8.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,820UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,1.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,100UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,22UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,10MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,18UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,150UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,1.5MH,10% TOL,10% -TOL
|
Vishay Dale
|
AT29C257-70 AT29C257-15JC AT29C257-12JC AT29C257-9 |
8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SO -55 to 125 256K 32K x 8 5-volt Only CMOS Flash Memory 256K 32K的8 5伏只有闪存的CMOS 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 32K X 8 FLASH 5V PROM, 120 ns, PQCC32
|
Atmel Corp. Atmel, Corp.
|
LC35W256EM LC35W256EM-10W LC35W256ET-10W LC35V256E |
256K (32K words x 8 bits) SRAM Control pins: NOT OE and NOT CE 256K (32K words x 8 bits) SRAM Control pins: OE and CE 256K2K字8位)的SRAM控制引脚:OE和行政长
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd. Sanyo Electric Co., Ltd.
|
|