PART |
Description |
Maker |
LT1118CST-2.5 LT1118CST-2.85 LT1118-2.5 LT1118-5 L |
LED 570NM GREEN DIFF 1206 SMD Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low I Q , Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low IQ/ Low Dropout/ 800mA/ Source and Sink Regulators Adjustable and Fixed 2.5V/ 2.85V/ 5V Output From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
MC33269DR2-3.3G MC33269D MC33269T-5.0 MC33269DT NC |
800 mA, Adjustable Output, Low Dropout Voltage Regulator 1.225 V-1.275 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800 mA, Adjustable Output, Low Dropout Voltage Regulator 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800mA, Low Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
TC2117 TC2117-3.3VDBTR TC2117-3.3VEBTR TC2117-1.8V |
The TC2117 is a fixed, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... 800mA Fixed Low Dropout Positive Regulator
|
Microchip Technology
|
TCL1117 TCL1117-2.85 TCL1117-2.85CDB TCL1117-2.85C |
800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V 800mA的低压差型可调和固定工作2.85V.30V.00V阳性调节器 800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V 800mA的低压差型可调和固定工作.85V3.30V.00V阳性调节器 800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V/ 3.30V/ 5.00V
|
TelCom Semiconductor, Inc. TELCOM[TelCom Semiconductor, Inc]
|
SPX1117M3-2.85-L/TR SPX1117M3-L-3.0/TR SPX1117R-L- |
800mA Low Dropout Voltage Regulator, 1%
|
Sipex Corporation
|
IRU1117-25 |
800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
|
International Rectifier
|
AMS2908-2.85 AMS2908CD-2.85 AMS2908CD-2.5 AMS2908C |
800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压
|
Advanced Monolithic Systems, Inc.
|
TS1117BCW33 TS1117BCW50 TS1117BCW18 TS1117BCW25 |
800mA Low Dropout Positive Voltage Regulator
|
TY Semiconductor Co., Ltd TY Semiconductor Co., L...
|
IRU1117-18 |
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
|
International Rectifier
|
APL1087R APL1087R-25DC-TR APL1087R-18DC-TUL APL108 |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, and 3.3V 800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
|
Anpec Electronics, Corp. ANPEC[Anpec Electronics Coropration]
|