PART |
Description |
Maker |
DS-0011 |
Enhanced Digital Output Sensors: Extended temperature range
|
All Sensors Corporation
|
QT300-D QT300-IS |
0.5-6.0V; 40mA; capacitance to digital converter. For fluid level sensors, prox sensors, moisture detection, position sensing, transducer driver and material sensors
|
Quantum Research Group ltd
|
B59100C0090A070 B59100C0160A070 B59100C0050A070 B5 |
Sensors Limit Temperature Sensors, Leaded Disks, Coated
|
EPCOS AG
|
B59901D0060A040 B59901D0140A040 B59901 B59901D0070 |
Sensors Limit Temperature Sensors, Probe Assemblies
|
EPCOS[EPCOS]
|
KTY81/121 KTY81/150 |
Silicon temperature sensors KTY81-1 series; Silicon temperature sensors
|
Philips
|
LM335A LM135 LM135Z LM235Z LM235 LM335Z LM135AD LM |
Precision Temperature Sensors(绮惧?娓╁害浼???? PRECISION TEMPERATURE SENSORS 高精度温度传感器
|
??????浣? STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] http://
|
ADT7301ARM ADT7301ARM-REEL ADT7301ARM-REEL7 ADT730 |
DIGITAL TEMP SENSOR-SERIAL, 13BIT(s), 4Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, PLASTIC, MO-178AB, SOT-23, 6 PIN 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit/ 0.5C Accurate/ MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit, ±1ºC Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP
|
Analog Devices, Inc.
|
MPXM2202 |
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors From old datasheet system 200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
|
Motorola
|
AD7414-REEL7 AD7415ART-0500RL7 |
SMBus/I2C Digital Temperature Sensor in 6-Pin SOT with SMBus Alert and Over Temperature Pin Digital Output Temperature Sensor
|
Analog Devices
|
SI7050-A20 SI7053-A20 SI7054-A20 SI7055-A20 |
IC TEMPERATURE SENSORS
|
Silicon Laboratories
|
TCT-1AAT13506MZ |
TEMPERATURE SENSORS
|
SICK AG
|