PART |
Description |
Maker |
MAX6629 MAX6629-MAX6632 MAX6629MUT-T MAX6631 MAX66 |
12-Bit Sign Digital Temperature Sensors with Serial Interface 12-Bit Sign Digital Temperature Sensors with Serial Interface 12-Bit Sign Digital Temperature Sensors with Serial Interface BACKSHELL Quadruple 2-Input Exclusive-OR Gates 14-CDIP -55 to 125 12 符号位数字温度传感器,串行接
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
DS1821 MAX6625RMTT MAX6642YATT98 MAX6628MTAT MAX66 |
Programmable Digital Thermostat and Thermometer 可编程数字温控器和温度计 9-Bit/12-Bit Temperature Sensors with I<sup>2</sup>C-Compatible Serial Interface in a SOT23 ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 5.50Cel, RECTANGULAR, SURFACE MOUNT 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs DIGITAL TEMP SENSOR-SERIAL Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX7504MSA-T MAX7504MUA-T MAX7504MUAT MAX7503MUAT |
Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection DIGITAL TEMP SENSOR-SERIAL, 9BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection DIGITAL TEMP SENSOR-SERIAL, 9BIT(s), 3Cel, SQUARE, SURFACE MOUNT
|
Maxim Integrated Products, Inc.
|
MAX6629MTT MAX6630MTT MAX6631MTT MAX6632MTT MAX663 |
12-Bit Sign Digital Temperature Sensors with Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 3.20Cel, SQUARE, SURFACE MOUNT 12-Bit Sign Digital Temperature Sensors with Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 3.20Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD7414ARMZ-0REEL7 AD7414ARTZ-0500RL7 AD7415ARTZ-1R |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT MO-187AA, MSOP-8 DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT PLASTIC, MO-178AB, SOT-23, 6 PIN DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT PLASTIC, MO-178AA, SOT-23, 5 PIN ??.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23 0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
QT300-D QT300-IS |
0.5-6.0V; 40mA; capacitance to digital converter. For fluid level sensors, prox sensors, moisture detection, position sensing, transducer driver and material sensors
|
Quantum Research Group ltd
|
TC620CVOA TC620 TC621 TC621XEPA TC620XCOA TC620XCP |
5V, dual trip point temperature sensors, low true control output (TC620 / TC621) Dual Trip Point Temperature Sensors The TC620 and TC621 are programmable logic output temperature detectors designed for use in thermal management applications. The TC620 features an on-board temperature sensor, while the TC621 connects to an external NTC thermistor for remo
|
MICROCHIP[Microchip Technology]
|
MAX6676 MAX6676AUT3 MAX6676AUT3-T MAX6676AUT5 MAX6 |
Low-Voltage / 1.8kHz PWM Output Temperature Sensors "Low-Voltage, 1.8kHz PWM Output Temperature Sensors" HEX SCHMITT-TRIGGER INVERTERS 14-CFP -55 to 125 ANALOG TEMP SENSOR-VOLTAGE, 0.3-3.3V, 3Cel, RECTANGULAR, SURFACE MOUNT
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LM75A LM75AD LM75AD.112 LM75AD112 |
Digital temperature sensor and thermal watchdog DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT Digital temperature sensor and thermal watchdog
|
NXP Semiconductors
|
TBT-1PBN21006PZ |
TEMPERATURE SENSORS
|
SICK AG
|
SI7050-A20 SI7053-A20 SI7054-A20 SI7055-A20 |
IC TEMPERATURE SENSORS
|
Silicon Laboratories
|
|