PART |
Description |
Maker |
STK16C68-WF45I STK16C68 STK16C68-W25 STK16C68-W25I |
8K X 8 NON-VOLATILE SRAM, 25 ns, PDIP28 8K x 8 AutoStorePlus⑩ nvSRAM QuantumTrap⑩ CMOS Nonvolatile Static RAM 8K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 8K x 8 AutoStorePlus?/a> nvSRAM QuantumTrap?/a> CMOS Nonvolatile Static RAM
|
SIMTEK[Simtek Corporation]
|
P11C68-35 P10C68-35CG P10C68-35IG P10C68-IG P10C68 |
CMOS/SNOS NVSRAM HIGH PERFORMANCE 8 K x 8 NON-VOLATILE STATIC RAM 的CMOS / SNOS非易失性SRAM的高性能8亩8非易失性静态RAM
|
Zarlink Semiconductor Inc. Zarlink Semiconductor, Inc.
|
BAP815 |
Non-Volatile Static RAM (nvSRAM); Organization: 256x16; Density: 4MB; Speed: 45ns; Supply Voltage: 5V; Temperature Range: -40° to 85°C; Package: 54-TSOP-II; Features: Real-Time Clock BAP815 - Dioda uniwersalna Non-Volatile Static RAM (nvSRAM); Organization: 256x16; Density: 4MB; Speed: 45ns; Supply Voltage: 5V; Temperature Range: -40° to 85°C
|
Ultra CEMI Electronic Theatre Controls, Inc.
|
CY14E104M-ZS20XI CY14E104K-ZS25XCT CY14E104M-ZS25X |
Non-Volatile Static RAM (nvSRAM); Organization: 256x16; Density: 4MB; Speed: 25ns; Supply Voltage: 5V; Temperature Range: -40° to 85°C; Package: 54-TSOP-II; Features: Real-Time Clock 256K X 16 NON-VOLATILE SRAM, 25 ns, PDSO54 Non-Volatile Static RAM (nvSRAM); Organization: 256x16; Density: 4MB; Speed: 15ns; Supply Voltage: 5V; Temperature Range: -40° to 85°C; Package: 44-TSOP-II ; Features: Real-Time Clock 256K X 16 NON-VOLATILE SRAM, 15 ns, PDSO44 Non-Volatile Static RAM (nvSRAM); Organization: 512x8; Density: 4MB; Speed: 45ns; Supply Voltage: 5V; Temperature Range: -40° to 85°C; Package: 44-TSOP-II ; Features: Real-Time Clock 512K X 8 NON-VOLATILE SRAM, 45 ns, PDSO44 Non-Volatile Static RAM (nvSRAM); Organization: 512x8; Density: 4MB; Speed: 15ns; Supply Voltage: 5V; Temperature Range: -40° to 85°C; Package: 44-TSOP-II; Features: Real-Time Clock 512K X 8 NON-VOLATILE SRAM, 15 ns, PDSO44 Non-Volatile Static RAM (nvSRAM); Organization: 512x8; Density: 4MB; Speed: 25ns; Supply Voltage: 5V; Temperature Range: -40° to 85°C; Package: 54-TSOP-II ; Features: Real-Time Clock 512K X 8 NON-VOLATILE SRAM, 25 ns, PDSO54 Non-Volatile Static RAM (nvSRAM); Organization: 512x8; Density: 4MB; Speed: 15ns; Supply Voltage: 5V; Temperature Range: -40° to 85°C; Package: 44-TSOP-II ; Features: Real-Time Clock 512K X 8 NON-VOLATILE SRAM, 15 ns, PDSO44 Non-Volatile Static RAM (nvSRAM); Organization: 512x8; Density: 4MB; Speed: 25ns; Supply Voltage: 5V; Temperature Range: -40° to 85°C; Package: 54-TSOP-II; Features: Real-Time Clock 512K X 8 NON-VOLATILE SRAM, 25 ns, PDSO54 Non-Volatile Static RAM (nvSRAM); Organization: 512x8; Density: 4MB; Speed: 15ns; Supply Voltage: 5V; Temperature Range: -40° to 85°C; Package: 54-TSOP-II ; Features: Real-Time Clock 512K X 8 NON-VOLATILE SRAM, 15 ns, PDSO54 Non-Volatile Static RAM (nvSRAM); Organization: 512x8; Density: 4MB; Speed: 15ns; Supply Voltage: 5V; Temperature Range: -40° to 85°C; Package: 54-TSOP-II; Features: Real-Time Clock 512K X 8 NON-VOLATILE SRAM, 15 ns, PDSO54 4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
|
Cypress Semiconductor, Corp.
|
UPD4265805G5-A50-7JD UPD4264805G5-A50-7JD UPD42658 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 1-Mbit (64K x 16) Static RAM 1M x 4 Static RAM x8 EDO Page Mode DRAM x8 EDO公司页面模式DRAM 4-Mbit (256K x 16) Static RAM
|
NEC TOKIN, Corp.
|
IS61LV6416 IS61LV6416-10 IS61LV6416-10B IS61LV6416 |
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY 64K的16高速CMOS静态RAM.3 V电源 ASYNCHRONOUS STATIC RAM
|
ETC ICSI[Integrated Circuit Solution Inc]
|
IDT71V428YS10YYYG IDT71V428YS10YYYGI IDT71V428S10Y |
3.3V CMOS Static RAM 4 Meg (1M x 4-Bit) 3.3V 1M x 4 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Techn... IDT[Integrated Device Technology]
|
CAT5114SI-00TE13 CAT5114U-10TE13 CAT5114U-00TE13 C |
DIGITAL POTENTIOMETER|CMOS|SOP|8PIN|PLASTIC 128K x 8 Static RAM 512K x 24 Static RAM 数字电位器|的CMOS | TSSOP封装| 8引脚|塑料
|
Analog Devices, Inc.
|
UPD424440LE-70 UPD424440LE-60 UPD424440LE-80 UPD42 |
MoBL® 8-Mbit (1024K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM CY62167DV30 MoBL® - 16-Mbit (1M x 16) Static RAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Vishay Intertechnology, Inc.
|
IS61C64AH IS61C64AH-15J IS61C64AH-15U IS61C64AH-20 |
ASYNCHRONOUS STATIC RAM 8K x 8 HIGH-SPEED CMOS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|