PART |
Description |
Maker |
AM29C116 |
16-Bit CMOS Microprocessors
|
AMD
|
PM7226 PM7226A PM7226AFP PM7226AFR PM7226AR PM7226 |
V(dd): 11.4 to 16.5V; V(ss); -5V -10%; quad 8-bit CMOS D/A converter with oltage output. For automatic test equipment, peocess and industrial control, scientific and medical instrumentation, multichannel microprocessors QUAD 8 BIT CMOS D/A CONVERTERS WITH VOLTAGE OUTPUT
|
AD[Analog Devices]
|
LC587004 LC587006 LC587008 |
Single-Chip 4-Bit Microprocessors with LCD Driver, 2 Kb RAM, and 8, 12, or 16 KB ROM on chip CMOS LSI
|
Sanyo
|
79RC64574 IDT79RC64T574-200DZ IDT79RC64T574-250DZ |
High performance 64-Bit Microprocessor Advanced 64-bit Microprocessors Product Family
|
IDT
|
TMPR3927F TMPR3927CF |
TX39 32-Bit TX SystemRISC Series Microprocessors 32-bit Risc Microprocessor
|
TOSHIBA
|
P8085AH-2 P8085AH-1 |
8-Bit HMOS Microprocessors
|
Intel
|
ARM7TDMI |
general purpose 32-bit microprocessors
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
N80188 |
HIGH-INTEGRATION 16-BIT MICROPROCESSORS
|
Intel Corp.
|
80186 80188 |
HIGH-INTEGRATION 16-BIT MICROPROCESSORS
|
Intel
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|