PART |
Description |
Maker |
0022031192 3022-19B AE-3022-19B 22-03-1192 |
KK2.5MM WAFER ASSEMBLY 302219B
|
Molex Electronics Ltd.
|
35022-0015 35022-0009 |
15CKT 2.5MM R/A CONN HOUS 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER AE-35022-0009 350220009 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
1824700000 1825680000 1824800000 1824420000 182487 |
CONN TERM BLK 8PS 3.81MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 6POS 3.5MM STR PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 8POS 5MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 2POS 3.5MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 8PS 5.08MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 8POS 3.5MM STR PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 6POS 5MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 3PS 3.81MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
10-08-5021 10-08-5071 10-08-5041 |
KK200 POL WAFER ASSEMBLY 2599M02A 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 5.08mm KK Pol-W W/OVd 5Sn 7Ckt 5.08mm KK Pol-W W/OVd 5Sn 4Ckt
|
Molex, Inc. MOLEX INC
|
39355-0013 |
CONN HEADER 3.5MM 13POS R/A PCB
|
Molex
|
52892-1895-C |
CONN FPC 18POS .5MM SMD R/A ZIF
|
Molex
|
52892-2095-C |
CONN FPC 20POS .5MM SMD R/A ZIF
|
Molex
|
51090-1100 51090-1300 51090-0500 51090-0300 |
MI-2 S/R WTB CRMP HSG 11C 510901100 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE HOUSING 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 5CKT 2MM W-B CONN RECEPT HOUS 510900300
|
Molex, Inc. MOLEX INC
|
91716-7001 91716-0530 91716-3008 91716-1515 91716- |
2.5 APPLI-M 17CKT OP/EW WO/POL 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 Appli-M 4Ckt Op/Ew WO/Pol 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 APPLI-M 9CKT OP/EW WO/POL VD2 5 8GRN 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 APPLI-M 6CKT OP/EW W/POL 2&3 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT RAST 2.5 APPLI-M 3CKT OP/EW WO/POL 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 Appli-M 6Ckt Op/Ew WO/Pol 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 APPLI-M 5CKT OP/EW WO/POL 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 APPLI-M 19CKT OP/EW WO/POL 19 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.5 Appli-M 5Ckt Op/Ew W/Pol 3/4
|
Bourns, Inc. Molex, Inc. MOLEX INC
|
53885-0308 |
0.5 BOARD TO BOARD Conn PLUG Hgt=2.5mm
|
Molex Electronics Ltd.
|
LFM20-9P LFM20-3.3P LFM20-5P LFM20-15 |
CONN,RF,SMA,901-9876-RFX-VP, PLUG,CRIMP,RG-58/U,50 OHM CONN,RF,SMA,901-143-6RFX-VP, JACK,RECEPTABLE,PCB,R/A,50 OHM CONN,SMA,FEMALE,PCB MOUNT, 19-46G-R,901-144-8RFX-VP-R TRANS,WALL,1.5,3,4.5,6,7.5,9, 12VDC/1000mA,(120/220VAC) CONN,RF,SMA,901-9877-RFX-VP, PLUG,CRIMP,RG-174/U,50 OHM CONN,RF,MMCX,908-43200-VP, PLUG,CRIMP,R/A,RG-178,50 OHM 20W Ultraminiature Open Frame Switching Power Supplies
|
Astrodyne, Inc.
|
|