PART |
Description |
Maker |
22-01-1154 22-01-1104 29-11-0053 |
CONN RCPT HOUSING 15POS 2.5MM 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:10; Series:5102-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP MINI SPOX PLUG HSG 5240051
|
Molex, Inc. MOLEX INC
|
22-01-1063 22-01-1123 |
Connector Housing; Gender:Female; Number of Contacts:6; Series:5051-NM; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CRIMP HOUSING, 2.5MM 12WAY ; Ways, No. of:12; Colour:White; Current rating:2.5A; Dielectric strength:1500V/m; Flammability rating:UL94V-0; Force, de-mating:0.5N; Force, mating:2N; Housing type:White Nylon UL94V-0; Material:Nylon;
|
Molex, Inc. MOLEX INC
|
90156-0149 90156-0147 |
Connector Housing; Number of Contacts:9; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:7; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
39-01-5039 39014030 39-01-4030 39-01-4031 |
3 CIRCUIT RECEPTACLE,(MINI-FIT JR.) (MAKE-FIRST/BREAK-LAST) Connector Housing; Gender:Female; Number of Contacts:3; Series:5557; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Leaded Process Compatible:No; Number of Rows:1; Peak Reflow Compatible (260 C):No
|
Molex Electronics Ltd. MOLEX INC
|
19-09-2127 |
Multipole Connector; Number of Contacts:12; Series:Standard .093"; Body Material:Nylon 6/6; Number of Rows:2 12 CONTACT(S), MALE OR FEMALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
22-56-6387 22-56-6207 22-56-6407 22-56-6187 |
CGrid SL Hsg Opt F DR 38Ckt 38 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Crimp Housing; Number of Contacts:20; Pitch Spacing:2.54mm; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female; Series:70450 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt F DR 40Ckt 22566187
|
Molex, Inc. MOLEX INC
|
09-50-1041 |
Multipole Connector; Gender:Female; Number of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; Number of Rows:1 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
39-29-0163 |
Multipole Connector; Number of Contacts:16; Pitch Spacing:4.20mm; Gender:Header; Number of Rows:2; Series:5566; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Finish:Gold 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
09-91-0900 09-91-1200 09-91-2000 09-92-0900 09-92- |
3.96mm KK WtB Crp Trm Hsg W/LRmp 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Crimp terminal housing, female, 12 contact, straight, white, pcb mount 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:20; Series:KK; Body Material:Nylon; Number of Rows:1 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:7; Series:KK; Body Material:Nylon; Number of Rows:1 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 18Ckt 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 6Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
SFH756 SFH756V |
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing SFH Transmitters & Receivers - Transmitter (LED only) 650nm - connector housing
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
SFH450V SFH450 |
SFH Transmitters & Receivers - Transmitter (LED only) 950nm - connector housing Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
|
INFINEON[Infineon Technologies AG]
|
|