PART |
Description |
Maker |
HI7190IB HI7190IP |
null24-Bit, High Precision, Sigma Delta A/D Converter 1-CH 22-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO20 null24-Bit, High Precision, Sigma Delta A/D Converter 1-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDIP20
|
Intersil, Corp.
|
AD7721ARZ-REEL |
CMOS, 12-/16-Bit, 312.5 kHz/468.75 kHz Sigma-Delta ADC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Commercial 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL/PARALLEL ACCESS, PDSO28
|
Analog Devices, Inc.
|
AD7701ARSZ AD7701ARZ-REEL |
16-Bit Sigma-Delta ADC; Package: SSOP; No of Pins: 28; Temperature Range: Commercial 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 16-Bit Sigma-Delta ADC; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7714YRUZ-REEL7 AD7714YRZ-REEL7 |
CMOS, 3V/5V, 500 µA, 24-Bit Sigma-Delta, Signal Conditioning ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 6-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24 CMOS, 3V/5V, 500 µA, 24-Bit Sigma-Delta, Signal Conditioning ADC; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Automotive 6-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24
|
Analog Devices, Inc.
|
LTC2498CUHFPBF |
24-Bit 8-/16-Channel Delta Sigma ADC with Easy Drive Input Current Cancellation; Package: QFN; No of Pins: 38; Temperature Range: 0°C to 70°C 16-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQCC38
|
Linear Technology, Corp.
|
CS5503 CS5501-AS CS5501-CP |
Low-Cost,20-Bit Measurement A/D Converter(低价0位度量A/D转换 低成20 -位测量的A / D转换器(低价0位度量的A / D转换器) 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO20 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDIP20
|
Cirrus Logic, Inc. CRYSTAL SEMICONDUCTOR CORP
|
LTC2401 LTC2401CMS LTC2401IMS LTC2402 LTC2402CMS L |
1-/2-Channel 24-Bit µPower No Latency Delta-Sigma ADC in MSOP-10; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 1-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO10 1-/2-Channel 24-Bit µPower No Latency Delta-Sigma ADC in MSOP-10; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO10 1-/2-Channel 24-Bit µPower No Latency Delta-Sigma ADC in MSOP-10; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO10 1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10 1-/2-Channel 24-Bit PowerNo Latency Delta-SigmaADC in MSOP-10 1-/2-Channel 24-Bit µPowerNo Latency Delta-SigmaADC in MSOP-10
|
Linear Technology, Corp.
|
TC3403 TC3403VPE |
The TC3403 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3403 is optimized for use as a microc 1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
|
Microchip Microchip Technology Inc.
|
TC3400 TC3400VOA TC3400VPA |
!.8V, Low Power, 16-Bit Sigma-Delta A/D Converter 8五,低功耗,16位ΔA / D转换 1.8V, Low Power, 16-Bit Sigma-Delta A/D Converter
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
LTC2439-1CGNPBF LTC2439-1CGNTR LTC2439-1IGNTR |
8-/16-Channel 16-Bit No Latency Delta Sigma ADC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 16-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 8-/16-Channel 16-Bit No Latency Delta Sigma ADC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 16-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
|