PART |
Description |
Maker |
ISD380-9 ISD25-15 ISDF65-7 ISD320-16 ISDR320-22 IS |
380 A, 900 V, SILICON, RECTIFIER DIODE 25 A, 1500 V, SILICON, RECTIFIER DIODE 65 A, 700 V, SILICON, RECTIFIER DIODE 320 A, 1600 V, SILICON, RECTIFIER DIODE 320 A, 2200 V, SILICON, RECTIFIER DIODE 160 A, 1400 V, SILICON, RECTIFIER DIODE 65 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 1300 V, SILICON, RECTIFIER DIODE 380 A, 1200 V, SILICON, RECTIFIER DIODE 380 A, 1500 V, SILICON, RECTIFIER DIODE 380 A, 600 V, SILICON, RECTIFIER DIODE 380 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 500 V, SILICON, RECTIFIER DIODE 160 A, 900 V, SILICON, RECTIFIER DIODE 160 A, 1000 V, SILICON, RECTIFIER DIODE 160 A, 500 V, SILICON, RECTIFIER DIODE
|
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
SDR1004UF |
100 AMPS ULTRA FAST RECOVERY RECTIFIER 400- 1000 VOLTS 100 A, 400 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. Solid States Devices, Inc
|
RBU801M RBU801M10 RBU804M RBU805M RBU806M RBU801M- |
8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
CUD10-04 CUD10-02 CUD10-06 |
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER SINGLE, 10 AMPS, 200 THRU 600 VOLTS 10 A, 400 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
KYZ25A6 KYZ25K6 KYZ25A05 KYZ25A1 KYZ25A2 KYZ25A3 K |
Fuses, Field replaceable 2410 size, in clips 25 A, 400 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes 25 A, 100 V, SILICON, RECTIFIER DIODE
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
S3XB-13-F S3X-13-F S3JB-13-F S3GB-13-F |
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER RECTIFIER STANDARD SINGLE 3A 600V 600 100A-ifsm 10uA-ir 1.15V-vf SMB 3K/REEL 3 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER STANDARD SINGLE 3A 400V 400 100A-ifsm 10uA-ir 1.15V-vf SMB 3K/REEL 3 A, 400 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
CBR50-020P CBR50-100P CBR50-040P CBR50-060P CBR50- |
50 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 50 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 50 AMP SILICON BRIDGE RECTIFIER 200 thru 1000 VOLTS Leaded Bridge Rectifier General Purpose
|
CENTRAL[Central Semiconductor Corp]
|
MURS140 MURS140-13 MURS160 MURS160-13 MURS150 |
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER 2 A, 400 V, SILICON, RECTIFIER DIODE
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
FR10G |
10 Amp Fast Recovery Rectifier 50 to 1000 Volts 10 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AB
|
Micro Commercial Components, Corp.
|
|