PART |
Description |
Maker |
12YL5M 61GB6F 60PC4FS 05BL5M |
5 CONTACT(S), CABLE MOUNT, DIN CONNECTOR, PLUG 6 CONTACT(S), PANEL MOUNT, DIN CONNECTOR, RECEPTACLE 4 CONTACT(S), BOARD MOUNT, DIN CONNECTOR, RECEPTACLE
|
Switchcraft, Inc.
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L10642M5-03-313-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contacts 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T11022M3-03-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
15-45-3522 15-45-3570 15-45-3624 15-45-3532 15-45- |
Connector; Number of Contacts:22; Pitch Spacing:0.1"; Number of Rows:2; Mounting Type:PCB; Gender:Header 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt w/peg 15 SAu 70Ckt 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,PLUG,24 Contacts,SKT,0.1 Pitch 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt w/peg 15 SAu 32Ckt 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT A-71395-0042 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 15453614
|
Molex, Inc. MOLEX INC
|
15-91-3214 15-91-3073 15-91-2065 15-91-2255 15-91- |
SL SMT RA Hdr Tin 21Ckt 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.100 Pitch,SURFACE MOUNT Terminal 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 15 SAu 25Ckt 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr W/Pegs 30Au 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 3Ckt 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 6Ckt 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr /Pgs Tin 20Ckt 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 10Ckt 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Multipole Connector; Number of Contacts:5; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled; Contact Plating:Gold 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr W/PCB Pegs Tin 14Ckt 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SL SMT RA Hdr PCB Pgs 30 SAu 14Ckt 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30Au 5Ckt T&R 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 15 SAu 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SL RA SMT Hdr TPg 30 SAu 15Ckt SL SMT RA Hdr 15 SAu 18Ckt HDR SMD 6 PIN WIRE TO BOARD SHROUDED SL SMT RA Hdr Tin 5Ckt Multipole Connector; Number of Contacts:3; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled; Contact Plating:Gold
|
Molex, Inc. PRECI-DIP SA MOLEX INC
|
DMD6FRA111A DMD4FRA111A |
6 CONTACT(S), BOARD MOUNT, MINI DIN CONNECTOR 4 CONTACT(S), BOARD MOUNT, MINI DIN CONNECTOR
|
SWITCHCRAFT INC
|
56480-Z23203 56480-Z23205 56480-Z21503 56480-Z2150 |
4 CONTACT(S), BOARD MOUNT, MINI DIN CONNECTOR
|
|
MMDS-5SI-3 MMDS-8SI-3 |
5 CONTACT(S), BOARD MOUNT, MINI DIN CONNECTOR 8 CONTACT(S), BOARD MOUNT, MINI DIN CONNECTOR
|
ERNI ELECTRONICS INC
|
MH11067-PK6-4F |
6 CONTACT(S), BOARD MOUNT, MINI DIN CONNECTOR
|
HON HAI PRECISION INDUSTRY CO LTD
|
M50-06-30-131S-1 |
6 CONTACT(S), BOARD MOUNT, MINI DIN CONNECTOR, SOCKET
|
MITSUMI ELECTRIC CO LTD
|
TCS7578-01-201 TCS7931-11-401 TCS7931-18-401 |
7 CONTACT(S), BOARD MOUNT, MINI DIN CONNECTOR, SOCKET 5 CONTACT(S), BOARD MOUNT, MINI DIN CONNECTOR, SOCKET 8 CONTACT(S), BOARD MOUNT, MINI DIN CONNECTOR, SOCKET
|
HOSIDEN CORP
|
|