PART |
Description |
Maker |
3PF0 |
(3PF0 / 3PF8) RECTIFIE
|
Semtech Corporation
|
GMR30H150CTPF3T GMR30H150C GMR30H150CTA3R GMR30H15 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
|
GAMMA[Gamma Microelectronics Inc.]
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
1N4002GP 1N4005GP 1N4003GP 1N4007GP 1N4001GP 1N400 |
1 Amp Glass PassivatedRectifier 50 - 1000 Volts 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
HER507 HER504 HER505 HER508 HER502 HER503 HER501 H |
5.0 Amp High Efficient Rectiffiers 50 to 1000 Volts 5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
HER108G-AP HER103G HER107G HER101G |
1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 PLASTIC PACKAGE-2 1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp.
|
CBR1-D100 CBR1-D010 CBR1-D020 CBR1-D040 CBR1-D060 |
SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Leaded Bridge Rectifier General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
RS401L08 RS407GL-BP RS406GL-BP RS401GL-BP RS402GL- |
4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECTIFIER BRIDGE 4A 1000V RS-4L 4 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 4A 200V RS-4L 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp. Micro Commercial Compon...
|
CS220-12P CS220-12B CS220-12D CS220-12M CS220-12N |
SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 1000 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP, 200 THRU 1000 VOLTS 12 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 12 AMP/ 200 THRU 1000 VOLTS
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
SPD5614 SPD56142 SPD5622SM SPD5618 SPD5618SMS R000 |
1 AMP 200 Α 1000 VOLTS STANDARD RECOVERY RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE 1 AMP 200 ? 1000 VOLTS STANDARD RECOVERY RECTIFIER
|
http:// Solid State Devices, Inc. SOLID STATE DEVICES INC Solid States Devices, I...
|
MTY14N100E_D ON2710 MTY14N100E MTY14N100 MTY14N100 |
TMOS POWER FET 14 AMPERES 1000 VOLTS RDS(on) = 0.80 OHM TMOS14安培,功率场效应晶体000伏特的RDS(on)\u003d 0.80欧姆 TMOS POWER FET 14 AMPERES 1000 VOLTS RDS(on) = 0.80 OHM 14 A, 1000 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA From old datasheet system TMOS E-FET Power Field Effect Transistor N-Channel Enhancement Mode Silicon Gate
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ON Semiconductor
|
|