PART |
Description |
Maker |
M80-5T10222M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 2 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
TM11APA1-86P TM11APA-62P TM11APA-42P TM8P-88P |
6 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, PLUG 2 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, PLUG 8 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG ROHS COMPLIANT
|
Elite Semiconductor Memory Technology, Inc. Vectron International, Inc. Vantis, Corp. HIROSE ELECTRIC Co., Ltd.
|
M80-5C10605M2-02-336-02-336 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews 3.5mm board mount, 6 x Small bore signal contacts, 4 x 14 AWG Power contacts
|
HARWIN INC
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5D1120500-01-317-01-317 |
Datamate 2-Row Mix-Tek Male Crimp Connector, No jackscrews, 12 x Large bore signal contacts, 2 x ?2.7mm Crimp Coax contacts
|
HARWIN INC
|
PC324S-12RA PC324S-12RB PC324S-12A PC324S-12B PC32 |
Subminiature PCB Telecom Relay With Bifurcated Contacts
|
PICKER[Picker Components]
|
PC324-12B PC324-12RA PC324-12RB PC324-12PA PC324-1 |
Subminiature PCB Telecom Relay With Bifurcated Contacts
|
PICKER[Picker Components]
|
M80-500000000-03-331-00-000 M80-500000000-03-318-0 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 3 x 3.5mm PC Tail Power contacts 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 3 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 11 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC HARWIN INC
|
A62 B12 |
MALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG FEMALE, TELECOM AND DATACOM CONNECTOR
|
MITSUMI ELECTRIC CO LTD
|
75018-0025 75126-2001 75018-0024 |
HS Dock Fixed Conn 8.74CL 108Ckt NoGnd 108 CONTACT(S), MALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, PLUG H.S. Dock Interposer w/8.74mm centerline 144 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, PLUG HS Dock Fixed Conn 4.74CL 108Ckt NoGnd 108 CONTACT(S), MALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, PLUG
|
Molex, Inc.
|
|