PART |
Description |
Maker |
AT28C010E-12FM/883 AT28C010E-12EC AT28C010-12EM AT |
120NS, 32FLTPCK, 883C; LEV B COMPLIANT(EEPROM) 128K X 8 EEPROM 5V, 120 ns, CDFP32 128K X 8 EEPROM 5V, 120 ns, CQCC32 120NS, 32 LCC, MIL TEMP(EEPROM) 128K X 8 EEPROM 5V, 150 ns, CDFP32 128K X 8 EEPROM 5V, 200 ns, CDIP32 128K X 8 EEPROM 5V, 250 ns, CDIP32
|
Atmel, Corp. ATMEL CORP
|
BR93L66RFVM-WTR CAT28C64BGI-12T CAT25C32Y14I CAT25 |
EEPROM SRL 256X16 BIT The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS EEPROM (4kx8) 32K 2.5-6.0 EEPROM (4kx8) 32K 1.8-6.0 EEPROM (1024x8) 8K EEPROM 256K X 8 200ns EEPROM I2C BUS; 4.5 to 5.5V 16Kbit; -40 to 85 C EEPROM (256x8) 2K 1.8-6.0 EEPROM (512x8) 4k 1.8-6.0 EEPROM 128K X 8 150ns EEPROM (8kx8) 64K 1.8-6.0 EEPROM (2048x8)(1024x16)16K EEPROM U 804-29EE0107CWH EEPROM 64K X 8 70ns EEPROM (256x8) 2K 2.5-6.0 EEPROM (8kx8) 64K 2.5-6.0 SPI Serial CMOS EEPROM (Motorola Compatible), 32K, 2-bit Block Protection, WPEN Bit, SOIC SPI Serial CMOS EEPROM (Motorola Compatible), 32K, 2-bit Block Protection, WPEN Bit, TSSOP EEPROM (384x8) 128k 16 EEPROM SPI 1KBIT EEPROM SPI 4096X8 BIT EEPROM SRL 64X16 BIT EEPROM (256x8) (128x16) 2K 8-Kb I<sup>2</sup>C CMOS Serial EEPROM, SOIC EEPROM (128x8) 1k 2.5-6.0 EEPROM (8kx8) 64K 5V 90ns EEPROM (32kx8) 256K 5V 150 EEPROM (32kx8) 256K 5V 120 EEPROM 2kb 1.7-5.5V Ind I2C EEPROM 512K-Bit CMOS PARA EEPROM EEPROM (32kx8) 256K 3V 250 EEPROM 64K X 8 512K 5V 150 EEPROM 256K (32KX8)
|
Omron Electronics, LLC Atmel, Corp. MITSUMI ELECTRIC CO., LTD. Intersil, Corp. Cypress Semiconductor, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc. BCD Semiconductor Manufacturing, Ltd. Belden, Inc. Rohm Co., Ltd. Bourns, Inc. NXP Semiconductors N.V. Lattice Semiconductor, Corp. Rectron Semiconductor SIEMENS AG Maxim Integrated Products, Inc. Rochester Electronics, LLC RF Solutions, Ltd. Fujitsu, Ltd.
|
28C256TRPFB-15 28C256TRT4FB-15 28C256TRT4FB-12 28C |
256K EEPROM (32K x 8-Bit) EEPROM 32K X 8 EEPROM 5V, 120 ns, DFP28 256K EEPROM (32K x 8-Bit) EEPROM 32K X 8 EEPROM 5V, 150 ns, DFP28 256K EEPROM (32K x 8-Bit) EEPROM 32K X 8 EEPROM 5V, 150 ns, DIP28 256K EEPROM (32K x 8-Bit) EEPROM 32K X 8 EEPROM 5V, 120 ns, DIP28
|
Maxwell Technologies, Inc
|
X28C513JI-12T2C7345 X28C513EM-12C7309 X28C512J-15T |
5V, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC 64K X 8 EEPROM 5V, 120 ns, PQCC32 5V, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 64K X 8 EEPROM 5V, 120 ns, PQCC32 5V, Byte Alterable EEPROM; Temperature Range: -55°C to 125°C; Package: 32-CLCC 64K X 8 EEPROM 5V, 120 ns, CQCC32 5V, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC T&R 64K X 8 EEPROM 5V, 150 ns, PQCC32 5V, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC 64K X 8 EEPROM 5V, 150 ns, PQCC32
|
Intersil, Corp.
|
C0408RTFI-12 |
512K X 8 EEPROM 5V MODULE, 120 ns, DMA40
|
MAXWELL TECHNOLOGIES
|
EDI2091C25MC |
128K X 9 STANDARD SRAM, 25 ns, PDSO
|
ELECTRONIC DESIGNS INC
|
000-7213-37R |
Discrete Single Port 10/100 Base-T PDSO-G16
|
Midcom
|
7490100123 |
Discrete Single Port 10/100 Base-T PDSO-G16
|
Midcom
|
000-7090-37R-LF1 |
Discrete Single Port 10/100 Base-T PDSO-G16
|
Midcom
|
79C0408 79C0408RT2FH-15 79C0408RT2FK-15 79C0408RT2 |
4 Megabit (512k x 8-bit) EEPROM MCM 512K X 8 EEPROM 5V MODULE, 200 ns, DFP40 4 Megabit (512k x 8-bit) EEPROM MCM 512K X 8 EEPROM 5V MODULE, 120 ns, DFP40 4 Megabit EEPROM MCM 512K X 8 EEPROM 5V MODULE, 150 ns, DFP40 4 Megabit EEPROM MCM
|
Maxwell Technologies, Inc
|
BM29F400T-15TC BM29F400T-90TC BM29F400T-12TC |
x8/x16 Flash EEPROM 256K X 16 FLASH 5V PROM, 120 ns, PDSO48
|
WINBOND ELECTRONICS CORP
|
24CO25-SN 24CO25-ST 24CO25-IP 24CO25-ISN 24CO25-IS |
2K 2.5V I 2 C Serial EEPROM 2K 2.5VI 2荤⑩串行EEPROM 2K 2.5V IIC serial EEPROMs(2.5V~5.5V,2K10M次擦写周可寻址,EEPROM) 2K2.5VI2CSerialEEPROM 2K 2.5V I 2 C ?Serial EEPROM 2K 2.5V I2C EEPROM
|
Microchip Technology, Inc. MicrochipTechnology Microchip Technology Inc.
|
|