PART |
Description |
Maker |
FM25C160 FM25C160U FM25C160UE FM25C160UV FM25C160U |
SERIAL EEPROM|2KX8|CMOS|DIP|8PIN|PLASTIC 2K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K-Bit SPI?/a> Interface Serial CMOS EEPROM From old datasheet system 16K-Bit SPI Interface Serial CMOS EEPROM 16K-Bit SPI⑩ Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
MAX17605 MAX17601 MAX17603 MAX17600 MAX17602 CAT24 |
4A Sink /Source Current, 12ns, Dual MOSFET Drivers 2K/4K-Bit Serial EEPROM with Partial Array Write Protection 2K/4K-Bit偏串行EEPROM阵列写保 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1K/2K/4K/8K/16K SPI 串行 互补型金属氧化物 电可擦可编程只读存储 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64K8K的8电池电压的CMOS E2PROM
|
Maxim Integrated Products Atmel, Corp. ON Semiconductor TE Connectivity, Ltd.
|
25LC160BT-I_STG 25AA160A-E_MS 25AA160A-E_MSG 25AA1 |
16K SPI Bus Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
25AA160T-/P 25C160T-/P 25C160T-E/P 25AA160T-E/P 25 |
16K SPI Bus Serial EEPROM 16K的SPI总线串行EEPROM
|
Microchip Technology Inc. Microchip Technology, Inc.
|
CAT25010GYI-1.8TE13REV-C CAT25010GYI-1.8TE13REV-B |
128 X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, TSSOP-8 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, MSOP-8 256 X 8 SPI BUS SERIAL EEPROM, PDIP8 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Yageo, Corp. ON Semiconductor
|
M95020 M95040-MB3G/W M95040-MB3T/S M95040-MB3TG/W |
128 X 8 SPI BUS SERIAL EEPROM, PDSO8 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
|
http:// 意法半导 STMicroelectronics
|
M35080 6719 M35080MN M35080BN M35080-BN3T M35080-B |
From old datasheet system 8 Kbit Serial SPI Bus EEPROM With Incremental Registers 1K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
CAT25C08U-1.8 CAT25C08UI-1.8 CAT25C08UA-1.8 CAT25C |
SPI Bus Serial EEPROM (Motorola Compatible), 1K, 2-bit Block Protection, WPEN Bit SPI Bus Serial EEPROM (Motorola Compatible), 2K, 2-bit Block Protection, WPEN Bit 128 X 8 SPI BUS SERIAL EEPROM, PDSO14 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 TSSOP-8
|
Catalyst Semiconductor
|
M95160-S M95160-W M95080-S M95160-WDL3 M95160-WDL6 |
2K X 8 SPI BUS SERIAL EEPROM, PDSO14 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMICROELECTRONICS SGS Thomson Microelectronics
|
M95256 M95256BN M95256-BN1T M95256-BN3T M95256-BN5 |
256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 2.5 V to 5.5 V 256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 4.5 V to 5.5 V 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 2.7 V to 3.6 V 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 4.5 V to 5.5 V 256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 1.8 V to 3.6 V 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 2.5 V to 5.5 V 256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 1.8 V to 3.6 V 256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 2.7 V to 3.6 V
|
STMicroelectronics ST Microelectronics SGS Thomson Microelectronics
|
NM25C020 NM25C020LVMT8 NM25C020LVM8 NM25C020VM8X N |
SPI Serial EEPROM 2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|