PART |
Description |
Maker |
C5250 |
VCXO 5X7 Surface Mount Package Reflow Process Compatible Optional ACMOS, TTL and LVPECL
|
VECTRON[Vectron International, Inc]
|
IP78M12A-LCC4 IP78M12-LCC4 IP78M15A-LCC4 IP78M15-L |
0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V绋冲????剁?琛ㄨ创灏??)) Voltage Regulator 电压调节 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 15 V FIXED POSITIVE REGULATOR, CQCC18 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,15V稳压陶瓷表贴封装)) 0.5安培正电压稳压器在陶瓷表面贴装封装(0.5甲,15V的稳压器(陶瓷表贴封装) 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 5 V FIXED POSITIVE REGULATOR, CQCC18 Power Resistor; Series:TWW; Resistance:15ohm; Resistance Tolerance: /- 5 %; Power Rating:5W; Voltage Rating:350V; Temperature Coefficient:400ppm/ C 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V绋冲????剁?琛ㄨ创灏??))
|
Honeywell International, Inc. TT electronics Semelab, Ltd. TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB] SEMELAB LTD
|
CLE110F |
940nm IRED (other wavelengths optional), Surface mount, narrow beam
|
Clairex Technologies
|
1N5226B-LCC3 1N5242B-LCC3 1N5241B-LCC3 1N5244B-LCC |
5.1V, 0.02A Reference diode MSTBW 2.5/13-G FKC 2.5/3-STF FAN 24VDC SPRINT ST24A3 MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-15 INSERT ARRANGEMENT, RECEPTACLE GENDER, 35 CONTACTS Cabinet Rack; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-19 INSERT ARRANGEMENT, RECEPTACLE GENDER, 10 CONTACTS ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 160 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Power Supply 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 56 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具 ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 51 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Battery, Lead-Acid, Sealed, Flame Retardant, Rechargeable, NPX ser. 12V, 150 WPC - 1.67VPC 15 Min - FR 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具 ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
http:// SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. Coilcraft, Inc. SEMELAB LTD
|
BL-PSW-USD-C20 BL-PSW-USD-C10 BL-PSW-SSD-C10 BL-PS |
SINGLE COLOR LED, TRUE GREEN, 2.5 mm SINGLE COLOR LED, BLUE, 2.5 mm SURFACE MOUNT PACKAGE-2 SINGLE COLOR LED, WHITE, 2.5 mm SURFACE MOUNT PACKAGE-2 InGaN BIKINI High brightness surface mount LED.
|
AMERICAN BRIGHT OPTOELECTRONICS CORP American Bright Optoelectronics, Corp. BRIGHT LED ELECTRONICS CORP
|
MBR0540T1 MBR0540T1G MBR0540T3 MBR0540T3G |
Surface Mount Schottky Power Rectifier SOD−123 Power Surface Mount Package 0.5 A, 40 V, SILICON, SIGNAL DIODE From old datasheet system Surface Mount Schottky Power Rectifier SOD−123 Power Surface Mount Package 0.5A 40V Schottky Rectifier
|
Rectron Semiconductor ONSEMI[ON Semiconductor]
|
GSX-641/2P0AF19.660800MHZ GSX-641/2P3BF11.059200MH |
QUARTZ CRYSTAL RESONATOR, 19.6608 MHz METAL, SURFACE MOUNT PACKAGE-4 QUARTZ CRYSTAL RESONATOR, 11.0592 MHz METAL, SURFACE MOUNT PACKAGE-4 QUARTZ CRYSTAL RESONATOR, 16.000312 MHz METAL, SURFACE MOUNT PACKAGE-4 QUARTZ CRYSTAL RESONATOR, 29.4912 MHz METAL, SURFACE MOUNT PACKAGE-4 QUARTZ CRYSTAL RESONATOR, 18.432 MHz METAL, SURFACE MOUNT PACKAGE-4 QUARTZ CRYSTAL RESONATOR, 35.2512 MHz METAL, SURFACE MOUNT PACKAGE-4 QUARTZ CRYSTAL RESONATOR, 15 MHz QUARTZ CRYSTAL RESONATOR, 16.5888 MHz QUARTZ CRYSTAL RESONATOR, 30 MHz QUARTZ CRYSTAL RESONATOR, 25 MHz - 45 MHz
|
Golledge Electronics, Ltd. GOLLEDGE ELECTRONICS LTD
|
MBRD835L MBRD835L_D ON0445 |
SWITCHMODE⑩ Power Rectifirers DPAK Surface Mount Package From old datasheet system 8 AMPERES 35 VOLTS SWITCHMODE Power Rectifirers DPAK Surface Mount Package
|
MOTOROLA[Motorola, Inc] ON Semi
|
MBRB2535CTL MBRB2535CTLT4 MBRB2535CTLT4G MBRB2535C |
12.5A 35V Low Vf Schottky Rectifier; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 12.5 A, 35 V, SILICON, RECTIFIER DIODE SWITCHMODE Power Rectifier D2PAK Surface Mount Power Package SWITCHMODE垄芒 Power Rectifier D2PAK Surface Mount Power Package
|
ON Semiconductor
|
|