PART |
Description |
Maker |
CM7560R-105 CM7560R-104 CM7560R-125 CM7560R-124 CM |
PC Mount Common Mode Choke 2 FUNCTIONS, 0.7 A, DATA LINE FILTER 2 FUNCTIONS, 1.7 A, DATA LINE FILTER 2 FUNCTIONS, 4.5 A, DATA LINE FILTER
|
API Delevan
|
DLP2ADA900HL4L DLP2ADA900HL4B DLP2ADN161HL4B |
4 FUNCTIONS, 5 V, 0.12 A, DATA LINE FILTER EIA STD PACKAGE SIZE 0804, 8 PIN 4 FUNCTIONS, 5 V, 0.1 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
CTHF2422 CTHF2422-103M1R2 CTHF2422-203M1R0 CTHF242 |
2 FUNCTIONS, 250 V, 2.5 A, DATA LINE FILTER 2 FUNCTIONS, 250 V, 2 A, DATA LINE FILTER 2 FUNCTIONS, 250 V, 0.4 A, DATA LINE FILTER Common Mode Chokes - Radial
|
Central Technologies
|
ICM1206RK601M ICM-1206 ICM1206RK222M ICM1206RK900M |
2 FUNCTIONS, 50 V, 0.37 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 0.2 A, DATA LINE FILTER Surface Mount Common Mode Choke
|
VISHAY DALE Vishay Siliconix http://
|
SXD2AGS182 SYD2AGS222 SD2AGS564 SZD2AGS822 SD2AGB5 |
1 FUNCTIONS, 100 V, 3 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 25 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 25 A, DATA LINE FILTER
|
AVX, Corp. Vishay Intertechnology, Inc. AVX CORP
|
XD06CJ0121KT5 XD07CF0471F XD07CJ0621KT3 XD07CJ0621 |
1 FUNCTIONS, 500 V, DATA LINE FILTER 1 FUNCTIONS, 200 V, DATA LINE FILTER
|
AVX CORP
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
4118R-601-250/500L 4118R-601-250/101 4118R-601-250 |
7 FUNCTIONS, 25 V, DATA LINE FILTER ROHS COMPLIANT, DIP-18 7 FUNCTIONS, 25 V, DATA LINE FILTER DIP-18
|
Bourns, Inc.
|
EMIF06-HMC01F208 EMIF06-HMC01F2 |
6 FUNCTIONS, DATA LINE FILTER 6-line IPAD, EMI filter including ESD protection
|
STMicroelectronics
|
NUF6005MUT2G |
6 Line EMI Filter with ESD Protection in UDFN Package 6 FUNCTIONS, 5 V, DATA LINE FILTER
|
ON Semiconductor
|
VEMI355A-HA3-GS08 |
Data Line Filter, 3 FUNCTIONS, 4 A, DATA LINE FILTER, SURFACE MOUNT
|
Vishay Semiconductors
|
|