PART |
Description |
Maker |
PKC136 PKC136-RL PKC-136RL PKC-136 -PKC136 |
PEAK CLAMP Circular Connector; No. of Contacts:6; Series:; Body Material:Aluminum Alloy; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:10-6 20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C Circular Connector; No. of Contacts:6; Series:; Body Material:Aluminum Alloy; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:10-6
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
232-104-00MT24-43PA-01 232-104-00MT24-43PA-03 232- |
43 CONTACT(S), ALUMINUM ALLOY, NICKEL PLATED, MALE-MALE, CIRCULAR ADAPTER ROHS COMPLIANT 24 CONTACT(S), ALUMINUM ALLOY, ZINC PLATED, MALE-MALE, CIRCULAR ADAPTER 55 CONTACT(S), ALUMINUM ALLOY, NICKEL PLATED, MALE-MALE, CIRCULAR ADAPTER 3 CONTACT(S), ALUMINUM ALLOY, MALE-MALE, CIRCULAR ADAPTER 11 CONTACT(S), ALUMINUM ALLOY, NICKEL PLATED, MALE-MALE, CIRCULAR ADAPTER 11 CONTACT(S), ALUMINUM ALLOY, NICKEL PLATED, FEMALE-MALE, CIRCULAR ADAPTER 21 CONTACT(S), ALUMINUM ALLOY, NICKEL PLATED, MALE-MALE, CIRCULAR ADAPTER 26 CONTACT(S), ALUMINUM ALLOY, MALE-MALE, CIRCULAR ADAPTER 28 CONTACT(S), ALUMINUM ALLOY, MALE-MALE, CIRCULAR ADAPTER 11 CONTACT(S), ALUMINUM ALLOY, FEMALE-MALE, CIRCULAR ADAPTER 26 CONTACT(S), ALUMINUM ALLOY, FEMALE-MALE, CIRCULAR ADAPTER 28 CONTACT(S), ALUMINUM ALLOY, NICKEL PLATED, MALE-MALE, CIRCULAR ADAPTER 21 CONTACT(S), ALUMINUM ALLOY, MALE-MALE, CIRCULAR ADAPTER 21 CONTACT(S), ALUMINUM ALLOY, FEMALE-MALE, CIRCULAR ADAPTER 32 CONTACT(S), ALUMINUM ALLOY, FEMALE-MALE, CIRCULAR ADAPTER 34 CONTACT(S), ALUMINUM ALLOY, MALE-MALE, CIRCULAR ADAPTER 8 CONTACT(S), ALUMINUM ALLOY, FEMALE-MALE, CIRCULAR ADAPTER 10 CONTACT(S), ALUMINUM ALLOY, MALE-MALE, CIRCULAR ADAPTER 22 CONTACT(S), ALUMINUM ALLOY, MALE-MALE, CIRCULAR ADAPTER
|
Glenair, Inc. GLENAIR INC
|
R5900U-L16 H7260-01 H7260-03 H7260-04 H7260-20 H72 |
LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY Circular Connector; No. of Contacts:18; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:14-18 RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:3; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; Number of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
TB1500H-13 TB3500H-13 TB0640H-13 TB2300H-13 TB1300 |
100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE 50 A, SILICON SURGE PROTECTOR 100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE 100号A的双向表面贴装晶闸管浪涌保护 Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:16-8 RoHS Compliant: No Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; Number of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin
|
Diodes, Inc. Bourns, Inc. Diodes Inc. Diodes Incorporated
|
74FST3251 74FST3251D 74FST3251DR2 74FST3251DT 74FS |
8:1 Multiplexer/Demultiplexer Bus Switch CBT/FST/QS/5C/B SERIES, 1 LINE TO 8 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16 Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106A; No. of Contacts:2; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106A; No. of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No
|
ONSEMI[ON Semiconductor]
|
IS93C76A IS93C86A-3ZLI IS93C76A-2GRI IS93C76A-2GRL |
8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM 1K X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM 512 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:10; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; Features:Spring Cover; For Use With:C146 Rectangular Circular Connectors RoHS Compliant: Yes Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:10; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:400V RoHS Compliant: Yes
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
ADA3200AEP5AP |
Circular Connector; Body Material:Aluminum Alloy; Series:KPT06; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-55
|
Advanced Micro Devices, Inc.
|
M90-3101F10SL-4P |
Circular Cable Connector, Receptacle shell, Male contacts, 2-way, silver 2 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE
|
Harwin PLC
|
SCPG06FJ36-22PN SCPG06DJ32A55SNF80A95 SCPL06FJ22-7 |
22 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, SOLDER, PLUG 55 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG 1 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, SOLDER, PLUG 6 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, PLUG 37 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, PLUG 24 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, PLUG
|
Spacecraft Components, Corp. SPACECRAFT COMPONENTS CORP
|
|